Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP671 Datasheet(PDF) 15 Page - Analog Devices

Part # ADCMP671
Description  Low Power, Adjustable UV and OV Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP671 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADCMP671 Datasheet HTML 8Page - Analog Devices ADCMP671 Datasheet HTML 9Page - Analog Devices ADCMP671 Datasheet HTML 10Page - Analog Devices ADCMP671 Datasheet HTML 11Page - Analog Devices ADCMP671 Datasheet HTML 12Page - Analog Devices ADCMP671 Datasheet HTML 13Page - Analog Devices ADCMP671 Datasheet HTML 14Page - Analog Devices ADCMP671 Datasheet HTML 15Page - Analog Devices ADCMP671 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
ADCMP671
Rev. 0 | Page 15 of 16
OUTPUTS
The PWRGD output is used to indicate supply power good for
the rail being monitored. It asserts if the monitored voltage falls
within the UV and OV threshold window. The OV output acts
as a dedicated overvoltage indication output, allows the board
manager to take decisive action to protect the system from
overvoltage faults. Both outputs are open-drain and can be
pulled up to voltages above VDD. These outputs are capable of
sinking current up to 40 mA.
In the multisupply monitoring application, multiple ADCMP671
can be used with their OV pin tied together to generate a single
overvoltage fault alert signal, as shown in
. During power
up and power down, the power management processor of the
board can manage supply sequencing based on PWRGD signals.
In the event of supply overvoltage fault, the processor can react
quickly to the provide necessary circuit protection because of its
dedicated
Figure 35
OV alert. The processor is also able to identify the faulty
supply from combining the information on the PWRGD pins.
This allows the processor to use the N + 1 input pins to
individually monitor N channels of supplies.
2.5V
PWRGD
OV
2.5V GOOD
1.8V GOOD
1.0V GOOD
0.9V GOOD
OV FAULT
BOARD
MANAGER
ADCMP671
1.8V
PWRGD
OV
ADCMP671
1.0V
PWRGD
OV
ADCMP671
0.9V
PWRGD
OV
ADCMP671
Figure 35. N Rails Monitoring with N + 1 Processor I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com