Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5201ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5201ACPZ-R7
Description  Wide Dynamic Range, High Speed
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5201ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5201ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADL5201
Data Sheet
Rev. 0 | Page 6 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. THE EXPOSED PADDLE (EP) MUST BE CONNECTED TO
A LOW IMPEDANCE GROUND PAD.
2
1
3
4
5
6
18
17
16
15
14
13
MODE0
MODE1
GND
VIN–
VIN+
GND
LATCH
VOUT+
VOUT–
VOUT+
VOUT–
VPOS
ADL5201
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 4, EP
GND
Ground. The exposed paddle (EP) must be connected to a low impedance ground pad.
2
VIN+
Positive Input.
3
VIN−
Negative Input.
5
MODE1
MSB for Mode Control. With the MODE0 pin, selects parallel, SPI, or up/down interface mode.
6
MODE0
LSB for Mode Control. With the MODE1 pin, selects parallel, SPI, or up/down interface mode.
7
SDIO/A5
Serial Data Input/Output (SDIO). When CS is pulled low, SDIO is used for reading and writing to the SPI port.
Bit 5 for Parallel Gain Control Interface (A5).
8
SCLK/A4
Serial Clock Input in SPI Mode (SCLK).
Bit 4 for Parallel Gain Control Interface (A4).
9
GS1/CS/A3
MSB for Gain Step Size Control in Up/Down Mode (GS1).
SPI Interface Select (CS). When serial mode is enabled, a logic low (0 V ≤ CS ≤ 0.8 V) enables the SPI interface.
Bit 3 for Parallel Gain Control Interface (A3).
10
GS0/FA/A2
LSB for Gain Step Size Control in Up/Down Mode (GS0).
Fast Attack (FA). In serial mode, a logic high (1.4 V ≤ FA ≤ 3.3 V) attenuates according to the FA setting in the SPI
word. Bit 2 for Parallel Gain Control Interface (A2).
11
UPDN_CLK/A1
Clock Interface for Up/Down Function (UPDN_CLK).
Bit 1 for Parallel Gain Control Interface (A1).
12
UPDN_DAT/A0
Data Pin for Up/Down Function (UPDN_DAT).
Bit 0 for Parallel Gain Control Interface (A0).
13
LATCH
A logic low (0 V ≤ LATCH ≤ 0.8 V) allows gain changes. A logic high (1.4 V ≤ LATCH ≤ 3.3 V) disallows gain
changes.
14, 16
VOUT+
Positive Output.
15, 17
VOUT−
Negative Output.
18, 21,
22, 23, 24
VPOS
Positive Power Supply.
19
PWUP
Power-Up Pin. A logic high (1.4 V ≤ PWUP ≤ 3.3 V) enables the part.
20
PM
Performance Mode. A logic low (0 V ≤ PM ≤ 0.8 V) enables high performance mode. A logic high (1.4 V ≤ PM ≤ 3.3 V)
enables low power mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com