Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5201ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5201ACPZ-R7
Description  Wide Dynamic Range, High Speed
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5201ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5201ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADL5201
Data Sheet
Rev. 0 | Page 14 of 28
CHARACTERIZATION AND TEST CIRCUITS
0.1µF
0.1µF
L1
1µH
L2
1µH
0.1µF
C1
C3
0.1µF
C2
C4
+5V
6
A0 TO A5
AC
50Ω TRACES
50Ω TRACES
50Ω
50Ω
50Ω
50Ω
AC
ADL5201
Figure 46. Test Circuit for S-Parameters on Dedicated 50 Ω Differential-to-Differential Board
C1
0.1µF
C2
0.1µF
TC3-1T
T1
L1
1µH
L2
1µH
C3
0.1µF
C4
0.1µF
R1
62Ω
R2
62Ω
R4
25Ω
R3
25Ω
ETC1-1-13
T2
50Ω
PAD LOSS = 11dB
+5V
6
A0 TO A5
50Ω
AC
ADL5201
Figure 47. Test Circuit for Distortion, Gain, and Noise
Figure 48. Differential-to-Differential Characterization Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com