Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5201ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5201ACPZ-R7
Description  Wide Dynamic Range, High Speed
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5201ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5201ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Data Sheet
ADL5201
Rev. 0 | Page 15 of 28
THEORY OF OPERATION
DIGITAL INTERFACE OVERVIEW
The ADL5201 DVGA has three digital gain control options:
parallel control interface, serial peripheral interface, and gain
up/down interface. The desired gain control option is selected via
two control pins, MODE0 and MODE1 (see Table 4 for the
truth table for the mode control pins). The gain code is in 6-bit
binary format. A voltage from 1.4 V to 3.3 V is required for a
logic high.
Two pins are common to all gain control options: PM and PWUP.
PM allows the user to choose operation in low power mode or
high performance mode. PWUP is the power-up pin. Physical
pins are shared among the three interfaces, resulting in as many
as three different functions per digital pin (see Table 3).
Table 4. Digital Control Interface Selection Truth Table
MODE1
MODE0
Interface
0
0
Parallel control
0
1
Serial peripheral (SPI)
1
0
Up/down
1
1
Up/down
PARALLEL DIGITAL INTERFACE
The parallel digital interface uses six binary bits (Bits[A5:A0])
and a latch pin (LATCH). The Latch pin controls whether the
input data latch is transparent or latched. In transparent mode,
the gain changes as the input gain control bits change. In latched
mode, gain is determined by the latched gain setting and does
not change with the input gain control bits.
SERIAL PERIPHERAL INTERFACE (SPI)
The SPI uses three pins: SDIO, SCLK, and CS. The SPI data
register consists of two bytes: six gain control bits, two attenu-
ation step size address bits, one read/write bit, and seven don’t
care bits. SDIO is the serial data input and output pin. The
SCLK pin is the serial clock, and CS is the channel select pin.
DATA
READ/WRITE
DO NOT CARE
(7 BITS)
FAST ATTACK ATTENUATION
STEP SIZE ADDRESS
GAIN CONTROL
D0
D1
D2
D3
D4
D5
FA0
FA1
MSB LSB MSB
R/W DNC DNC DNC DNC DNC DNC DNC
Figure 49. 16-Bit SPI Register
To write to the SPI register, CS must be pulled low and 16 clock
pulses must be applied to SCLK. To read the SPI register value,
the R/W bit must be set high, CS must be pulled low, and the
part must be clocked. After the register is read out during the
next 16 clock cycles, the SPI is automatically placed in write mode.
Fast Attack
The fast attack feature, accessible via the SPI, allows the gain to
be reduced from its present gain setting by a predetermined step
size. Four different attenuation step sizes are available. The
truth table for fast attack is shown in Table 5.
Table 5. SPI 2-Bit Attenuation Step Size Truth Table
FA1
FA0
Step Size (dB)
0
0
2
0
1
4
1
0
8
1
1
16
SPI fast attack mode is controlled by the FA pin. A logic high
on the FA pin results in an attenuation that is selected by
Bits[FA1:FA0] in the SPI register.
UP/DOWN INTERFACE
The GS1 and GS0 pins control the up/down gain step function.
Gain is increased by a clock pulse on the UPDN_CLK pin
(rising and falling edges) when the UPDN_DAT pin is high.
Gain is decreased by a clock pulse on the UPDN_CLK pin
when the UPDN_DAT pin is low.
DN
UP
RESET
UPDN_DAT
UPDN_CLK
Figure 50. Up/Down Timing
Reset is detected by a rising edge latching data having one polarity,
with the falling edge latching the opposite polarity. Reset results
in a minimum binary gain code of 111111.
The truth table for the gain step function is shown in Table 6.
The step size is selectable using the GS1 and GS0 pins. The gain
is limited by the top and bottom of the control range.
Table 6. Gain Step Size Control Truth Table
GS1
GS0
Step Size (dB)
0
0
0.5
0
1
1
1
0
2
1
1
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com