Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5201ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5201ACPZ-R7
Description  Wide Dynamic Range, High Speed
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5201ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5201ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADL5201
Data Sheet
Rev. 0 | Page 20 of 28
An alternative narrow-band approach is presented in Figure 58.
By designing a narrow band-pass antialiasing filter between the
ADL5201 and the target ADC, the output noise of the ADL5201
outside the intended Nyquist zone can be attenuated, helping
to preserve the available SNR of the ADC. In general, the SNR
improves by several decibels (dB) when a reasonable order
antialiasing filter is included. In this example, a low loss 1:3
input transformer is used to match the 150 Ω balanced input
of the ADL5201 to a 50 Ω unbalanced source, resulting in
minimum insertion loss at the input.
Figure 58 shows the ADL5201 optimized for driving some of
the popular unbuffered Analog Devices ADCs: the AD9246,
AD9640, and AD6655. Table 8 includes antialiasing filter
component recommendations for popular IF sampling center
frequencies. Inductor L5 works in parallel with the on-chip
ADC input capacitance and a portion of the capacitance
presented by C4 to form a resonant tank circuit. The resonant tank
helps to ensure that the ADC input looks like a real resistance at
the target center frequency. In addition, the L6 inductor shorts
the ADC inputs at dc, which introduces a zero into the transfer
function. The ac coupling capacitors and the bias chokes introduce
additional zeros into the transfer function. The final overall fre-
quency response takes on a band-pass characteristic, helping to
reject noise outside of the intended Nyquist zone. Table 8 provides
initial suggestions for prototyping purposes. Some empirical
optimization may be needed to help compensate for actual PCB
parasitics.
LAYOUT CONSIDERATIONS
Each amplifier has two output pins for each polarity, and they
are oriented in an alternating fashion. When designing the board,
care should be taken to minimize the parasitic capacitance due
to the routing that connects the corresponding outputs together.
To minimize the parasitic capacitance, a good practice is to avoid
any ground or power planes under this routing region and under
the chokes.
L6
50Ω
AC
1:3
75Ω
75Ω
1µH
5V
1µH
5V
CML
C4
5V
1nF
1nF
1nF
L1
L3
L5
L1
L3
L5
1nF
DIGITAL
INTERFACE
ADL5201
C2
AD9246
AD9640
AD6655
Figure 58. Narrow-Band IF Sampling Solution for Unbuffered ADC Applications
Table 8. Interface Filter Recommendations for Various IF Sampling Center Frequencies
Center Frequency
(MHz)
1 dB Bandwidth
(MHz)
L1 (nH)
C2 (pF)
L3 (nH)
C4 (pF)
L5 (nH)
L6 (nH)
96
27
68
15
220
15
68
150
140
31
47
11
150
11
47
82
170
25
39
10
120
10
47
51
211
40
30
7
100
7.5
30
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com