Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5201ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5201ACPZ-R7
Description  Wide Dynamic Range, High Speed
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5201ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5201ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5201ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
ADL5201
Rev. 0 | Page 17 of 28
CIRCUIT DESCRIPTION
BASIC STRUCTURE
The ADL5201 is a differential variable gain amplifier (VGA)
consisting of a 150 Ω digitally controlled passive attenuator
followed by a highly linear transconductance amplifier with
feedback.
ATTENUATOR
LOGIC
REF
VIN+
VIN–
VOUT+
VOUT–
DIGITAL INPUTS
PARALLEL, SPI,
FAST ATTACK
UP/DOWN
ADL5201
gm
AMP
Figure 52. Simplified Schematic
INPUT SYSTEM
The dc voltage level at the input of the amplifier is set by an
independent internal voltage reference circuit to approximately
1.6 V. The reference is not accessible and cannot be adjusted.
The amplifier can be powered down by pulling the PWUP pin
low. In power-down mode, the total current is reduced to 7 mA
(typical). The dc level at the input remains at approximately
1.6 V, regardless of the state of the PWUP pin.
OUTPUT AMPLIFIER
Gain of the output amplifier is set to be 22 dB when driving
a 150 Ω load. The input and output resistance of this amplifier
is set to 150 Ω in matched condition. If the load or the source
resistance is not equal to 150 Ω, the following equations can be
used to determine the resulting gain and input/output resistances.
Voltage Gain = AV = 0.09 × (2000)//RL
RIN = (2000 + RL)/(1 + 0.09 × RL)
S21 (Gain) = 2 × RIN/(RIN + RS) × AV
ROUT = (2000 + RS)/(1 + 0.09 × RS)
Note that the at maximum attenuation setting, RS, as seen by
the output amplifier, is the output resistance of the attenuator,
which is 150 Ω. However, at the minimum attenuation setting,
RS is the source resistance that is connected to the input of the part.
The dc current to the outputs of each amplifier is supplied through
two external chokes. The inductance of the chokes and the
resistance of the load, in parallel with the output resistance of
the device, add a low frequency pole to the response. The para-
sitic capacitance of the chokes adds to the output capacitance of the
part. This total capacitance, in parallel with the load and output
resistance, sets the high frequency pole of the device. Generally,
the larger the inductance of the choke, the higher its parasitic
capacitance. Therefore, this trade-off must be considered when
the value and type of the choke are selected. For an operation
frequency of 15 MHz to 700 MHz driving a 150 Ω load, 1 μH
chokes with an SRF of 160 MHz or higher are recommended
(such as the 0805LS-102XJBB from Coilcraft). If higher value
chokes are used, a 4 MHz zero, due to the internal ac-coupled
feedback, causes an increase in S21 of up to 6 dB at frequencies
below 4 MHz.
The supply current of the amplifier consists of about 35 mA
through the VPOS pin and 50 mA through the two chokes
combined. The latter increases with temperature at
approximately 2.5 mA per 10°C. The total choke current increases
to 75 mA for high performance mode. The amplifier has two
output pins for each polarity, and they are oriented in an
alternating fashion. When designing the board, care should be
taken to minimize the parasitic capacitance due to the routing
that connects the corresponding outputs together. To minimize
the parasitic capacitance, a good practice is to avoid any ground
or power plane under this routing region and under the chokes.
GAIN CONTROL
The gain can be adjusted using the parallel control interface, the
serial peripheral interface, or the gain up/down interface. In
general, the gain step size is 0.5 dB, but larger sizes can be
programmed using the various interfaces, as described in the
Digital Interface Overview section. The amplifier has a maximum
gain of +20 dB (Code 0) to −11.5 dB (Code 63).
The noise figure of the amplifier is approximately 7.5 dB at the
maximum gain setting, and it increases as the gain is reduced.
The increase in noise figure is equal to the reduction in gain.
The linearity of the part, measured at the output, is first-order
independent of the gain setting. From −4 dB to +20 dB gain,
the OIP3 is approximately 50 dBm into a 150 Ω load at 200 MHz
(0 dBm per tone). At gain settings below −4 dB, the OIP3 drops
to approximately 40 dBm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com