Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5324ARKZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5324ARKZ-R7
Description  400 MHz to 4000 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5324ARKZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5324ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADL5324
Data Sheet
Rev. 0 | Page 4 of 20
3.3 V
5 V
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
FREQUENCY = 2630 MHz
Gain1
12.1
11.8
13.3
14.6
dB
vs. Frequency
±60 MHz
±0.1
+0.0/−0.2
dB
vs. Temperature
−40°C ≤ T
A ≤ +85°C
±0.7
±0.7
dB
vs. Supply
3.15 V to 3.45 V, 4.75 V to 5.25 V
±0.2
±0.07
dB
Output 1 dB Compression Point
23.6
27.8
dBm
Output Third-Order Intercept
∆f = 1 MHz, P
OUT = 10 dBm per tone
32.4
42.0
dBm
Noise Figure
3.6
4.3
dB
FREQUENCY = 3600 MHz
Gain
11.0
12.0
dB
vs. Frequency
±100 MHz
+0.0/−0.7
+0.0/−0.8
dB
vs. Temperature
−40°C ≤ T
A ≤ +85°C
±1.0
±1.0
dB
vs. Supply
3.15 V to 3.45 V, 4.75 V to 5.25 V
±0.2
±0.05
dB
Output 1 dB Compression Point
25.0
28.5
dBm
Output Third-Order Intercept
∆f = 1 MHz, P
OUT = 10 dBm per tone
29.3
36.6
dBm
Noise Figure
3.8
4.4
dB
POWER INTERFACE
Pin RFOUT
Supply Voltage
3.15
3.3
3.45
4.75
5
5.25
V
Supply Current
62
140
mA
vs. Temperature
−40°C ≤ T
A ≤ +85°C
+4/−6
+5/−7
mA
Power Dissipation
VSUP = 5 V
205
700
mW
1 Guaranteed maximum and minimum specified limits on this parameter are based on six sigma calculations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com