Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5324ARKZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5324ARKZ-R7
Description  400 MHz to 4000 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5324ARKZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5324ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
400 MHz to 4000 MHz
½ Watt RF Driver Amplifier
Data Sheet
ADL5324
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062−9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
Operation from 400 MHz to 4000 MHz
Gain of 14.6 dB at 2140 MHz
OIP3 of 43.1 dBm at 2140 MHz
P1dB of 29.1 dBm at 2140 MHz
Noise figure of 3.8 dB
Dynamically adjustable bias
Adjustable power supply bias: 3.3 V to 5 V
Low power supply current: 62 mA to 133 mA
No bias resistor needed
Operating temperature range of −40°C to +105°C
SOT-89 package, MSL-1 rated
ESD rating of ±3 kV (Class 2)
APPLICATIONS
Wireless infrastructure
Automated test equipment
ISM/AMR applications
FUNCTIONAL BLOCK DIAGRAM
GND
1
2
BIAS
3
GND
ADL5324
(2)
RFIN
RFOUT
Figure 1.
GENERAL DESCRIPTION
The ADL5324 incorporates a dynamically adjustable biasing
circuit that allows for the customization of OIP3 and P1dB
performance from 3.3 V to 5 V, without the need for an external
bias resistor. This feature gives the designer the ability to tailor
driver amplifier performance to the specific needs of the design.
This feature also creates the opportunity for dynamic biasing of
the driver amplifier where a variable supply is used to allow for
full 5 V biasing under large signal conditions, and then reduced
supply voltage when signal levels are smaller and lower power
consumption is desirable. This scalability reduces the need to
evaluate and inventory multiple driver amplifiers for different
output power requirements, from 25 dBm to 29 dBm output
power levels.
The ADL5324 is also rated to operate across the wide temp-
erature range of −40°C to +105°C for reliable performance
in designs that experience higher temperatures, such as power
amplifiers. The ½ W driver amplifier also covers the wide
frequency range of 400 MHz to 4000 MHz, and only requires
a few external components to be tuned to a specific band within
that wide range. This high performance broadband RF driver
amplifier is well suited for a variety of wired and wireless
applications, including cellular infrastructure, ISM band power
amplifiers, defense equipment, and instrumentation equipment.
A fully populated evaluation board is available.
The ADL5324 also delivers excellent ACPR vs. output power
and bias voltage. The driver can deliver greater than 17 dBm
of output power at 2140 MHz, while achieving an ACPR of
−55 dBc at 5 V. If the bias is reduced to 3.3 V, the −55 dBc
ACPR output power only minimally reduces to 15 dBm.
–85
–80
–75
–70
–65
–60
–55
–50
–45
–40
–35
–30
–20
–15
–10
–5
0
5
10
15
20
25
POUT (dBm)
SOURCE
VCC =3.3V
VCC =5V
Figure 2. ACPR vs. Output Power, Single Carrier W-CDMA,
TM1-64 at 2140 MHz


Similar Part No. - ADL5324ARKZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5320 AD-ADL5320 Datasheet
328Kb / 10P
400 MHz to 2700 MHz Pre-driver RF Amplifier
Rev. PrB
ADL5320 AD-ADL5320 Datasheet
691Kb / 16P
400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
ADL5320 AD-ADL5320 Datasheet
466Kb / 6P
Providing Fixed Power Gain at the Output of an IQ Modulator
REV. 0
ADL5320 AD-ADL5320 Datasheet
476Kb / 20P
RF Driver Amplifier
10/13-Rev. A to Rev. B
ADL5320-EVALZ AD-ADL5320-EVALZ Datasheet
691Kb / 16P
400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
More results

Similar Description - ADL5324ARKZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5521 AD-ADL5521_08 Datasheet
2Mb / 45P
400 MHz - 4000 MHz Low Noise Amplifier
Rev. PrC
ADL5523 AD-ADL5523_09 Datasheet
589Kb / 24P
400 MHz to 4000 MHz Low Noise Amplifier
REV. A
logo
Micronetics, Inc.
NMA2413-A1S MICRONETICS-NMA2413-A1S Datasheet
186Kb / 2P
Legacy 10 MHz to 4000 MHz
NMA2413-A1T MICRONETICS-NMA2413-A1T Datasheet
209Kb / 2P
Legacy 10 MHz to 4000 MHz
NMA2413-A2S MICRONETICS-NMA2413-A2S Datasheet
201Kb / 2P
Legacy 10 MHz to 4000 MHz
NMA2413-A2T MICRONETICS-NMA2413-A2T Datasheet
318Kb / 2P
Legacy 10 MHz to 4000 MHz
NMA2413-B2T MICRONETICS-NMA2413-B2T Datasheet
357Kb / 2P
Legacy 10 MHz to 4000 MHz
NMA2413-B1T MICRONETICS-NMA2413-B1T Datasheet
166Kb / 2P
Legacy 10 MHz to 4000 MHz
logo
Analog Devices
ADL5523ACPZ AD-ADL5523ACPZ Datasheet
583Kb / 24P
400 MHz to 4000 MHz Low Noise Amplifier
REV. B
ADL5523 AD-ADL5523_15 Datasheet
583Kb / 24P
400 MHz to 4000 MHz Low Noise Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com