Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5324ARKZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5324ARKZ-R7
Description  400 MHz to 4000 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5324ARKZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5324ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADL5324
Data Sheet
Rev. 0 | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
50
0
869
884
900
915
930
946
961
FREQUENCY (MHz)
5
10
15
20
25
30
35
40
45
OIP3 (dBm)
P1dB (dBm)
GAIN (dB)
NF (dB)
Figure 4. Gain, P1dB, OIP3, and Noise Figure vs. Frequency,
869 MHz to 961 MHz
17.5
15.5
16.0
16.5
17.0
869
884
900
915
930
946
961
FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 5. Gain vs. Frequency and Temperature, 869 MHz to 961 MHz
0
–10
–15
–5
–40
869
961
FREQUENCY (MHz)
–30
–35
–25
–20
884
900
915
930
946
S11
S12
S22
Figure 6. Input Return Loss (S11), Output Return Loss (S22), and Reverse
Isolation (S12) vs. Frequency, 869 MHz to 961 MHz
–40°C
–40°C
35
25
869
884
900
915
930
946
961
FREQUENCY (MHz)
+25°C
+85°C
+85°C
30
32
34
36
38
40
42
44
46
48
50
26
27
28
29
30
31
32
33
34
+25°C
Figure 7. OIP3 and P1dB vs. Frequency and Temperature,
869 MHz to 961 MHz
55
35
–5
0
5
10
15
20
POUT PER TONE (dBm)
37
39
41
43
45
47
49
51
53
869MHz
915MHz
961MHz
Figure 8. OIP3 vs. POUT and Frequency, 869 MHz to 961 MHz
7
3
869
961
FREQUENCY (MHz)
5
4
6
884
900
915
930
946
+85°C
+25°C
–40°C
Figure 9. Noise Figure vs. Frequency and Temperature,
869 MHz to 961 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com