Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5324ARKZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5324ARKZ-R7
Description  400 MHz to 4000 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5324ARKZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5324ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 13Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 14Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADL5324
Rev. 0 | Page 11 of 20
30
25
20
15
10
5
0
41.2
41.6
42.0
42.4
42.8
43.6
43.2
44.0
44.4
44.8
OIP3 (dBm)
Figure 22. OIP3 Distribution at 2140 MHz
50
45
25
30
35
40
20
15
10
5
0
28.2
28.4
28.6
28.8
29.0
29.2
29.4
29.6
29.8
30.0
P1dB (dBm)
Figure 23. P1dB Distribution at 2140 MHz
40
35
30
0
5
10
15
20
25
14.3
14.4
14.5
14.6
14.7
14.8
14.9
15.0
15.1
15.2
GAIN (dB)
Figure 24. Gain Distribution at 2140 MHz
25
20
15
10
5
0
3.45
3.50
3.55
3.60
3.65
3.70
3.75
3.85
3.80
3.90
NOISE FIGURE (dB)
Figure 25. Noise Figure Distribution at 2140 MHz
200
100
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
110
120
130
140
150
160
170
180
190
5V
4.75V
5.25V
Figure 26. Supply Current vs. Supply Voltage and Temperature, 5 V
(Using 2140 MHz Matching Components)
100
0
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
10
20
30
40
50
60
70
80
90
5V
4.75V
5.25V
Figure 27. Supply Current vs. Supply Voltage and Temperature, 3.3 V
(Using 2140 MHz Matching Components)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com