Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5324ARKZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5324ARKZ-R7
Description  400 MHz to 4000 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5324ARKZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5324ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 13Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 14Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 15Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 16Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 17Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 18Page - Analog Devices ADL5324ARKZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
ADL5324
Rev. 0 | Page 15 of 20
MATCHING PROCEDURE
The ADL5324 is designed to achieve excellent gain and OIP3
performance. To achieve this, both input and output matching
networks must present specific impedance to the device. The
matching components listed in Table 7 were chosen to provide
−10 dB input return loss while maximizing OIP3.
The load-pull plots (see Figure 36 and Figure 37) show the load
impedance points on the Smith chart where optimum OIP3,
gain, and output power can be achieved. These load impedance
values (that is, the impedance that the device sees when looking
into the output matching network) are listed in Table 8 and
Table 9 for maximum gain and maximum OIP3, respectively.
The contours show how each parameter degrades as it is moved
away from the optimum point.
From the data shown in Table 8 and Table 9, it becomes clear that
maximum gain and maximum OIP3 do not occur at the same
impedance. This can also be seen on the load-pull contours in
Figure 36 and Figure 37. Thus, output matching generally
involves compromising between gain and OIP3. In addition,
the load-pull plots demonstrate that the quality of the output
impedance match must be compromised to optimize gain and/
or OIP3. In most applications where line lengths are short and
where the next device in the signal chain presents a low input
return loss, compromising on the output match is acceptable.
To adjust the output match for operation at a different
frequency, or if a different trade-off between OIP3, gain,
and output impedance is desired, a four-step procedure is
recommended.
For example, to optimize the ADL5324 for optimum OIP3 and
gain at 750 MHz, use the following steps:
1. Install the recommended tuning components for an 869 MHz
to 970 MHz tuning band, but do not install C1 and C2.
2. Connect the evaluation board to a vector network analyzer
so that input and output return loss can be viewed simulta-
neously.
3. Starting with the recommended values and positions for
C1 and C2, adjust the positions of these capacitors along
the transmission line until the return loss and gain are
acceptable. In this case, push-down capacitors mounted
on small sticks can be used as an alternative to soldering.
If moving the component positions does not yield satis-
factory results, then increase or decrease the values of C1
and C2 (in this case, the values are most likely increased
because the user is tuning for a lower frequency.
4. Repeat Step 3 as necessary. Once the desired gain and
return loss are realized, measure OIP3. Most likely, it will
be necessary to go back and forth between return loss/gain
and OIP3 measurements (probably compromising most on
output return loss) until an acceptable compromise is
achieved.
Fixed Load Pull
Freq = 2.1400 GHz
ZSource_2nd (Ohms) : 50.00 + j 0.00
ZSource_3rd (Ohms) : 50.00 + j 0.00
Gt
max = 16.06 dB
at
2.97 – j 2.70 Ohms
10 contours,
0.50 dB step
(11.50 to 16.00 dB)
Ip3
max = 44.18 dBm
at
9.44 + j 9.65 Ohms
10 contours,
1.00 dBm step
(35.00 to 44.00 dBm)
Specs: OFF
Load
Label:
ADL5324_2P14_LP7
Figure 36. Load-Pull Contours, 2140 MHz
Fixed Load Pull
Freq = 2.6300 GHz
ZSource (Ohms) : 49.84 + j 4.33
ZSource_2nd (Ohms) : 37.79 + j 3.28
ZSource_3rd
(Ohms) : 39.74 + j10.00
Gt
max = 13.83 dB
at
4.27 – j 1.99 Ohms
10 contours,
0.50 dB step
(9.00 to 13.50 dB)
Ip3
max = 45.19 dBm
at
2.84 + j 5.89 Ohms
10 contours,
1.00 dBm step
(36.00 to 45.00 dBm)
Specs: OFF
Load
Label:
ADL5324_2p63ghZ_LP3
26.37 + j30.90
Figure 37. Load-Pull Contours, 2600 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com