Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1048ARQZ-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # ADP1048ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048ARQZ-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADP1048ARQZ-R7 Datasheet HTML 36Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 37Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 38Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 39Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 40Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 41Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 42Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 43Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 84 page
background image
ADP1047/ADP1048
Data Sheet
Rev. 0 | Page 40 of 84
SAVING REGISTER SETTINGS INTO EEPROM
The register settings cannot be saved to the factory scratch pad
located in Page 0 of the EEPROM main block. This is to prevent
the user from accidentally overriding the factory trim settings
and default register settings.
Save Register Settings to the User Scratch Pad
The register settings can be saved to the user scratch pad located in
Page 1 of the EEPROM main block using the STORE_USER_ALL
command (Command Code 0x15). Before this command can be
executed, the EEPROM must first be unlocked for writing (see
the Unlock EEPROM section).
After the register settings are saved to the user scratch pad,
any subsequent power cycle automatically downloads the latest
stored user information from the EEPROM into the internal
registers.
Note that execution of the STORE_USER_ALL command
automatically performs a page erase to Page 1 of the EEPROM
main block, after which the registers are stored in EEPROM.
Therefore, it is important to wait at least 35 ms for the operation
to complete before executing the next PMBus command.
EEPROM CRC CHECKSUM
As a simple method of checking that the values downloaded
from EEPROM and the internal registers are consistent, a CRC
checksum is implemented.
When the data from the internal registers is saved to the
EEPROM (Page 1 of the main block), the total number
of 1s from all the registers is counted and written into the
EEPROM as the last byte of information. This is called
the CRC checksum.
When the data is downloaded from the EEPROM into the
internal registers, a similar counter that sums all 1s from
the values loaded into the registers is saved. This value is
compared with the CRC checksum from the previous
upload operation.
If the values match, the download operation was successful. If
the values differ, the EEPROM download operation failed, and
the EEPROM_CRC fault flag is set (Register 0xFE81, Bit 5).
To read the EEPROM CRC checksum value, execute the
EEPROM_CRC_CHKSUM command (Register 0xD1). This
command returns the CRC checksum accumulated in the
counter during the download operation.
Note that the CRC checksum is an 8-bit cyclical accumulator
that wraps around to 0 when 255 is reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com