Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1048ARQZ-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # ADP1048ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048ARQZ-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADP1048ARQZ-R7 Datasheet HTML 39Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 40Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 41Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 42Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 43Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 44Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 45Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 46Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 84 page
background image
Data Sheet
ADP1047/ADP1048
Rev. 0 | Page 43 of 84
MANUFACTURER-SPECIFIC PMBus COMMANDS
Table 16 lists the manufacturer-specific PMBus commands that are implemented on the ADP1047/ADP1048. These commands are
implemented in registers, which share the same hexadecimal value as the PMBus command code.
Table 16. Manufacturer-Specific Commands
Command Code
Command Name
0xFE00
CS_FAST_OCP_RESPONSE
0xFE01
OVP_FAST_OVP_RESPONSE
0xFE02
OLP_RESPONSE
0xFE03
VDD3P3_RESPONSE
0xFE04
VCORE_RESPONSE
0xFE05
PGOOD_AC_OK_DEBOUNCE_SET
0xFE06
PSON_SET
0xFE07
FLAG_FAULT_ID
0xFE08
SOFTSTART_FLAGS_BLANK1
0xFE09
SOFTSTART_FLAGS_BLANK2
0xFE0A
PGOOD_FLAGS_LIST
0xFE0B
AC_OK_FLAGS_LIST
0xFE0C
PWM rising edge timing (PWM pin)
0xFE0D
PWM rising edge setting (PWM pin)
0xFE0E
PWM falling edge timing (PWM pin)
0xFE0F
PWM falling edge setting (PWM pin)
0xFE10
PWM2 rising edge timing (PWM2 pin)
0xFE11
PWM2 rising edge setting (PWM2 pin)
0xFE12
PWM2 falling edge timing (PWM2 pin)
0xFE13
PWM2 falling edge setting (PWM2 pin)
0xFE14
PWM_SET
0xFE15
PWM_LIMIT
0xFE16
RTD ADC offset trim setting (MSB)
0xFE17
RTD ADC offset trim setting (LSB)
0xFE18
RTD ADC gain trim setting
0xFE19
OT_FAULT_LIMIT
0xFE1A
OT_WARN_LIMIT
0xFE1B
Switching frequency setting
0xFE1C
Low power switching frequency setting
0xFE1D
Frequency dithering set
0xFE1E
Frequency synchronization set
0xFE20
Voltage loop filter gain
0xFE21
Voltage loop filter zero
0xFE22
Fast voltage loop filter gain
0xFE23
Fast voltage loop filter zero
0xFE24
Fast voltage loop enable
0xFE25
VAC_THRESHOLD_SET
0xFE26
VAC_THRESHOLD_READ
0xFE27
MIN_AC_PERIOD_SET
0xFE28
MAX_AC_PERIOD_SET
0xFE29
Current loop filter gain for low line input
0xFE2A
Current loop filter zero for low line input
0xFE2B
Current loop filter gain for high line input
0xFE2C
Current loop filter zero for high line input
0xFE2D
Soft start set
0xFE2E
Inrush set
Command Code
Command Name
0xFE2F
FAST_OVP_FAULT_RISE
0xFE30
FAST_OVP_FAULT_FALL
0xFE31
Fast OVP debounce time setting
0xFE32
Low power mode operation threshold
0xFE33
Power metering offset trim for low line input
0xFE34
Power metering gain trim for low line input
0xFE35
High line limit
0xFE36
Low line limit
0xFE37
ILIM_TRIM
0xFE38
Voltage loop output
0xFE39
Exponent
0xFE3A
Read update rate
0xFE3B
VIN scale monitor
0xFE3C
IIN_GSENSE
0xFE3D
CS fast OCP blank
0xFE3E
CS fast OCP setting
0xFE3F
Temperature hysteresis
0xFE40
VAC ADC gain trim
0xFE41
VFB ADC gain trim
0xFE42
CS ADC gain trim for 500 mV range
0xFE43
IBAL gain (ADP1048 only)
0xFE44
Smart VOUT low power threshold (P1)
0xFE45
Smart VOUT high power threshold (P2)
0xFE46
Smart VOUT low line (VOL1)
0xFE47
Smart VOUT low line (VOL2)
0xFE48
Smart VOUT high line (VOH1)
0xFE49
Smart VOUT high line (VOH2)
0xFE4A
Smart VOUT upper limit (VOH)
0xFE4B
Smart VOUT super high line
0xFE4C
SYNC delay
0xFE4D
SMART_VOUT_SUPER_HIGH_LINE_HYS
0xFE4E
POWER_HYS
0xFE4F
Advanced feature enable
0xFE50
VOUT_OV_FAULT_HYS
0xFE51
VIN_UV_FAULT_HYS
0xFE53
VAC ADC offset trim
0xFE54
CS ADC offset trim for 500 mV range
0xFE7E
CS ADC gain trim for high (750 mV) range
0xFE7F
CS ADC offset trim for high (750 mV) range
0xFE80
Latched Flag 0
0xFE81
Latched Flag 1
0xFE82
Latched Flag 2
0xFE84
PWM value
0xFE85
VAC_LINE_PERIOD
0xFE86
Read temperature ADC
0xFE8E
Power metering offset trim for high line input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com