Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1048ARQZ-R7 Datasheet(PDF) 73 Page - Analog Devices

Part # ADP1048ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048ARQZ-R7 Datasheet(HTML) 73 Page - Analog Devices

Back Button ADP1048ARQZ-R7 Datasheet HTML 69Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 70Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 71Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 72Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 73Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 74Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 75Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 76Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 84 page
background image
Data Sheet
ADP1047/ADP1048
Rev. 0 | Page 73 of 84
EXPONENT REGISTER
This register reads and writes exponents (N) for PIN, VIN, and IIN.
Table 118. Register 0xFE39—Exponent
Bits
Bit Name
R/W
Description
[15:11]
RSVD
R
Reserved.
[10:6]
Input current
exponent
R/W
Sets the exponent for the input current.
[5:3]
Input voltage
exponent
R/W
Sets the exponent for the input voltage.
[2:0]
Input power exponent
R/W
Sets the exponent for the input power.
READ UPDATE RATE REGISTER
Table 119. Register 0xFE3A—Read Update Rate
Bits
Bit Name
R/W
Description
[7:3]
RSVD
R
Reserved.
[2:0]
Averaging window
R/W
These bits set the averaging window for the power current and voltage readings; rms values
from one half ac line cycle are averaged over the programmed number of half ac line cycles.
Bit 2
Bit 1
Bit 0
Number of Half AC Line Cycles
0
0
0
0
0
0
1
16
0
1
0
64
0
1
1
128
1
0
0
512
1
0
1
1024
1
1
0
4096
1
1
1
8192
VIN SCALE MONITOR REGISTER
Table 120. Register 0xFE3B—VIN Scale Monitor
Bits
Bit Name
R/W
Description
[15:14]
RSVD
R
Reserved.
[13:11]
Exponent
R/W
Write the exponent (N) in twos complement format (KVIN = Y × 2N).
10
RSVD
R
Reserved.
[9:0]
Mantissa
R/W
Mantissa (Y[9:0]) used in KVIN linear mode format (KVIN = Y × 2N).
IIN_GSENSE REGISTER
Table 121. Register 0xFE3C—IIN_GSENSE
Bits
Bit Name
R/W
Description
[15:11]
Exponent
R/W
Write the exponent (N) in twos complement format (IIN_GSENSE = Y × 2N).
10
RSVD
R
Reserved.
[9:0]
Mantissa
R/W
Mantissa (Y[9:0]) used in IIN linear mode format (IIN_GSENSE = Y × 2N).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com