Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1048ARQZ-R7 Datasheet(PDF) 47 Page - Analog Devices

Part # ADP1048ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048ARQZ-R7 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADP1048ARQZ-R7 Datasheet HTML 43Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 44Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 45Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 46Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 47Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 48Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 49Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 50Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 84 page
background image
Data Sheet
ADP1047/ADP1048
Rev. 0 | Page 47 of 84
VOUT_SCALE_MONITOR REGISTER
This register sets the Kr factor = VOUT/VADC.
Table 24. Register 0x2A—VOUT_SCALE_MONITOR
Bits
Bit Name
R/W
Description
[15:14]
RSVD
R
Reserved.
[13:11]
Exponent
R/W
Write the exponent (N) in twos complement format for Kr = Y × 2N.
10
RSVD
R
Always reads as 0.
[9:0]
Mantissa
R/W
Mantissa (Y[9:0]) used in Kr linear mode format (Kr = Y × 2N).
VIN_ON REGISTER
This register sets the value of the input voltage to start power conversion.
Table 25. Register 0x35—VIN_ON
Bits
Bit Name
R/W
Description
[15:11]
Exponent
R
Return the exponent (N) used in VIN linear mode format (X = Y × 2N). The exponent (N) is set in the
exponent register (Register 0xFE39, Bits[5:3]).
[10:8]
High bits
R/W
Mantissa high bits (Y[10:8]) used in VIN linear mode format (X = Y × 2N).
[7:0]
Low byte
R/W
Mantissa low byte (Y[7:0]) used in VIN linear mode format (X = Y × 2N). The exponent (N) is set in the
exponent register (Register 0xFE39, Bits[5:3]).
VIN_OFF REGISTER
This register sets the value of the input voltage to stop power conversion.
Table 26. Register 0x36—VIN_OFF
Bits
Bit Name
R/W
Description
[15:11]
Exponent
R
Return the exponent (N) used in VIN linear mode format (X = Y × 2N). The exponent (N) is set in the
exponent register (Register 0xFE39, Bits[5:3]).
[10:8]
High bits
R/W
Mantissa high bits (Y[10:8]) used in VIN linear mode format (X = Y × 2N).
[7:0]
Low byte
R/W
Mantissa low byte (Y[7:0]) used in VIN linear mode format (X = Y × 2N). The exponent (N) is set in the
exponent register (Register 0xFE39, Bits[5:3]).
VOUT_OV_FAULT_LIMIT REGISTER
This register sets the accurate overvoltage threshold measured at the PFC output that causes an overvoltage fault condition.
Table 27. Register 0x40—VOUT_OV_FAULT_LIMIT
Bits
Bit Name
R/W
Description
[15:11]
Exponent
R
Return the exponent (N) used in VOUT linear mode format (X = Y × 2N). The exponent (N) is set in
the VOUT_MODE register (Register 0x20, Bits[2:0]). The exponent is in twos complement format.
[10:8]
High bits
R/W
Mantissa high bits (Y[10:8]) used in VOUT linear mode format (X = Y × 2N).
[7:0]
Low byte
R/W
Mantissa low byte (Y[7:0]) used in VOUT linear mode format (X = Y × 2N).
VOUT_OV_FAULT_RESPONSE REGISTER
This register instructs the device on actions to take due to an output overvoltage fault condition.
Table 28. Register 0x41—VOUT_OV_FAULT_RESPONSE
Bits
Bit Name
R/W
Description
[7:6]
Response
R/W
These bits determine the device response to an output overvoltage fault condition.
Bit 7
Bit 6
Response
0
0
Do nothing.
0
1
Continue operation for the time specified by Delay Time 1 (Bits[2:0]). If the fault
persists, retry the number of times specified by the retry setting (Bits[5:3]).
1
0
Shut down, disable the output, and retry the number of times specified by the
retry setting (Bits[5:3]).
1
1
Disable the output and wait for the fault to clear. After the fault is cleared,
reenable the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com