Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1048ARQZ-R7 Datasheet(PDF) 54 Page - Analog Devices

Part # ADP1048ARQZ-R7
Description  Digital Power Factor Correction Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1048ARQZ-R7 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADP1048ARQZ-R7 Datasheet HTML 50Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 51Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 52Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 53Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 54Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 55Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 56Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 57Page - Analog Devices ADP1048ARQZ-R7 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 84 page
background image
ADP1047/ADP1048
Data Sheet
Rev. 0 | Page 54 of 84
PIN_OP_WARN_LIMIT REGISTER
This register sets the upper input power (W) threshold that causes an input overpower warning condition.
Table 42. Register 0x6B—PIN_OP_WARN_LIMIT
Bits
Bit Name
R/W
Description
[15:11]
Exponent
R
Return the exponent (N) used in power linear mode format (X = Y × 2N). The exponent is set in the
exponent register (Register 0xFE39, Bits[2:0]).
[10:8]
High bits
R/W
Mantissa high bits (Y[10:8]) used in power linear mode format (X = Y × 2N).
[7:0]
Low byte
R/W
Mantissa low byte (Y[7:0]) used in power linear mode format (X = Y × 2N).
STATUS_BYTE REGISTER
This register returns the lower byte of the STATUS_WORD register. A value of 1 in this register indicates that a fault has occurred.
Table 43. Register 0x78—STATUS_BYTE
Bits
Bit Name
R/W
Description
7
BUSY
R
1 = device was busy and unable to respond.
6
PSON_OFF
R
1 = device is not providing power to the output.
5
VOUT_OV
R
1 = output overvoltage fault.
4
IOUT_OC
R
1 = output overcurrent fault.
3
VIN_UV
R
1 = input undervoltage fault.
2
TEMPERATURE
R
1 = temperature fault or warning.
1
CML
R
1 = communications, memory, or logic fault.
0
NONE_OF_THE_
ABOVE
R
1 = fault or warning not listed in Bits[7:1].
STATUS_WORD REGISTER
A value of 1 in this register indicates that a fault has occurred.
Table 44. Register 0x79—STATUS_WORD
Bits
Bit Name
R/W
Description
15
VOUT
R
1 = output voltage fault or warning.
14
IOUT/POUT
R
1 = output current or output power fault or warning.
13
INPUT
R
1 = input voltage, input current, or input power fault or warning.
12
MFR
R
1 = manufacturer-specific fault or warning.
11
POWER_GOOD#
R
1 = POWER_GOOD is negated.
10
FANS
R
1 = fan or airflow fault or warning.
9
OTHER
R
Always reads as 0.
8
UNKNOWN
R
1 = fault or warning not listed in Bits[15:1].
7
BUSY
R
1 = device was busy and unable to respond.
6
PSON_OFF
R
1 = device is not providing power to the output.
5
VOUT_OV
R
1 = output overvoltage fault.
4
IOUT_OC
R
1 = output overcurrent fault.
3
VIN_UV
R
1 = input undervoltage fault.
2
TEMPERATURE
R
1 = temperature fault or warning.
1
CML
R
1 = communications, memory, or logic fault.
0
NONE_OF_THE_
ABOVE
R
1 = fault or warning not listed in Bits[7:1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com