Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2371 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP2371
Description  High Voltage, 1.2 MHz/600 kHz, 800 mA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2371 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP2371 Datasheet HTML 2Page - Analog Devices ADP2371 Datasheet HTML 3Page - Analog Devices ADP2371 Datasheet HTML 4Page - Analog Devices ADP2371 Datasheet HTML 5Page - Analog Devices ADP2371 Datasheet HTML 6Page - Analog Devices ADP2371 Datasheet HTML 7Page - Analog Devices ADP2371 Datasheet HTML 8Page - Analog Devices ADP2371 Datasheet HTML 9Page - Analog Devices ADP2371 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADP2370/ADP2371
Data Sheet
Rev. A | Page 6 of 32
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VIN to PGND and Ground Plane
−0.3 V to +17 V
SW to PGND and Ground Plane
−0.7 V to VIN + 0.3 V
FB to PGND and Ground Plane
−0.3 V to +6 V
EN to PGND and Ground Plane
−0.3 V to +17 V
PG to PGND and Ground Plane
−0.3 V to +17 V
SYNC to PGND and Ground Plane
−0.3 V to +17 V
FSEL to PGND and Ground Plane
−0.3 V to +17 V
Temperature Range
Storage
−65°C to +150°C
Operating Ambient
−40°C to +85°C
Operating Junction
−40°C to +125°C
Soldering Conditions
JEDEC J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL DATA
Absolute maximum ratings apply individually only, not in com-
bination. Exceeding the junction temperature (TJ) limit can
cause damage to the ADP2370/ADP2371. Monitoring ambient
temperature does not guarantee that TJ is within the specified
temperature limits. The maximum ambient temperature may
require derating in applications with high power dissipation and
poor thermal resistance.
In applications with moderate power dissipation and low
printed circuit board (PCB) thermal resistance, the maximum
ambient temperature can exceed the maximum limit as long
as the junction temperature is within specification limits. The
junction temperature of the device is dependent on the ambient
temperature, the power dissipation of the device, and the junction
to ambient thermal resistance of the package (θJA).
Maximum junction temperature (TJ) is calculated from the
ambient temperature (TA) and power dissipation (PD) using
the formula
TJ
= TA + (PD × θJA)
Junction-to-ambient thermal resistance (θJA) of the package is
based on modeling and calculation using a 4-layer board. θJA is
highly dependent on the application and board layout. In applica-
tions where high maximum power dissipation exists, close
attention to thermal board design is required. The value of θJA can
vary, depending on PCB material, layout, and environmental con-
ditions.
The specified values of θJA are based on a 4-layer, 4 in. × 3 in.
circuit board. See JESD 51-7, High Effective Thermal Conduc-
tivity Test Board for Leaded Surface Mount Packages, for detailed
information on board construction. For more information, see
Application Note AN-772, A Design and Manufacturing Guide for
the Lead Frame Chip Scale Package (LFCSP).
ΨJB is the junction to board thermal characterization parameter
with units of °C/W. The ΨJB of the package is based on modeling
and calculation using a 4-layer board. The JESD51-12, Guidelines
for Reporting and Using Electronic Package Thermal Information,
states that thermal characterization parameters are not the same
as thermal resistances. ΨJB measures the component power flowing
through multiple thermal paths rather than a single path as in
thermal resistance, θJB. Therefore, ΨJB thermal paths include
convection from the top of the package as well as radiation
from the package, factors that make ΨJB more useful in real-
world applications. Maximum junction temperature (TJ) is
calculated from the board temperature (TB) and power
dissipation (PD) using the formula
TJ
= TB + (PD × ΨJB)
For more detailed information regarding ΨJB, see JESD51-12
and JESD51-8, Integrated Circuit Thermal Test Method Envi-
ronmental Conditions—Junction-to-Board.
THERMAL RESISTANCE
θJA and ΨJB are specified for the worst-case conditions, that is, a
device soldered in a circuit board for surface-mount packages.
θJC is a parameter for surface-mount packages with top mounted
heat sinks.
Table 4. Thermal Resistance
Package Type
θJA
θJC
ΨJB
Unit
8-Lead 3 mm × 3 mm LFCSP
36.7
23.5
17.2
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com