Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2371 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP2371
Description  High Voltage, 1.2 MHz/600 kHz, 800 mA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2371 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP2371 Datasheet HTML 12Page - Analog Devices ADP2371 Datasheet HTML 13Page - Analog Devices ADP2371 Datasheet HTML 14Page - Analog Devices ADP2371 Datasheet HTML 15Page - Analog Devices ADP2371 Datasheet HTML 16Page - Analog Devices ADP2371 Datasheet HTML 17Page - Analog Devices ADP2371 Datasheet HTML 18Page - Analog Devices ADP2371 Datasheet HTML 19Page - Analog Devices ADP2371 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
ADP2370/ADP2371
Data Sheet
Rev. A | Page 16 of 32
M20.0µs A CH1
208mA
1
2
3
T
30.40%
CH1 200mA Ω BW
CH3 200mA
Ω BW
CH2 100mV
B
W
LOAD CURRENT
VOUT
INDUCTOR CURRENT
Figure 51. Load Transient, VOUT = 5 V, 100 mA to 300 mA, Load Current Rise
Time = 200 ns, VIN = 8 V
M100µs
A CH1
2.50V
1
2
3
T
10.00%
CH1 5.00V BW
CH3 200mA
Ω BW
CH2 1.00V BW
VIN
VOUT
INDUCTOR CURRENT
Figure 52. Startup, VOUT = 1.8 V, 10 mA
M100µs
A CH1
2.50V
1
2
3
T
10.00%
CH1 5.00V BW
CH3 500mA
Ω BW
CH2 1.00V BW
VIN
VOUT
INDUCTOR CURRENT
Figure 53. Startup, VOUT = 1.8 V, 800 mA
M100µs
A CH1
2.50V
T
10.00%
CH1 5.00V BW
CH3 200mA
Ω BW
CH2 2.00V BW
VIN
VOUT
INDUCTOR CURRENT
1
2
3
Figure 54. Startup, VOUT = 3.3 V, 10 mA
M100µs
A CH1
2.50V
T
10.00%
CH1 5.00V BW
CH2 2.00V BW
VIN
VOUT
INDUCTOR CURRENT
1
2
3
CH3 500mA
Ω BW
Figure 55. Startup, VOUT = 3.3 V, 800 mA
M100µs
A CH1
2.50V
T
10.00%
CH1 5.00V BW
CH3 200mA
Ω BW
CH2 1.00V BW
VIN
VOUT
1
2
3
INDUCTOR CURRENT
Figure 56. Startup, VOUT = 1.2 V, 10 mA, VIN = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com