Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2371 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP2371
Description  High Voltage, 1.2 MHz/600 kHz, 800 mA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2371 Datasheet(HTML) 3 Page - Analog Devices

  ADP2371 Datasheet HTML 1Page - Analog Devices ADP2371 Datasheet HTML 2Page - Analog Devices ADP2371 Datasheet HTML 3Page - Analog Devices ADP2371 Datasheet HTML 4Page - Analog Devices ADP2371 Datasheet HTML 5Page - Analog Devices ADP2371 Datasheet HTML 6Page - Analog Devices ADP2371 Datasheet HTML 7Page - Analog Devices ADP2371 Datasheet HTML 8Page - Analog Devices ADP2371 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
ADP2370/ADP2371
Rev. A | Page 3 of 32
SPECIFICATIONS
VIN = VOUT + 1 V or 3.2 V, whichever is greater, EN = VIN, IOUT = 100 mA, CIN = 10 μF, COUT = 10 µF, TA = 25°C for typical specifications,
TJ = −40°C to +125°C for minimum/maximum specifications, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SUPPLY
Input Voltage Range
VIN
3.2
15
V
Quiescent Current
IQ-PSM
FSEL = VIN, SYNC = 0 V, no load, device not
switching
13.5
μA
IQ-PWM
FSEL = VIN, SYNC = VIN, no load, device not
switching
725
μA
ISW-PWM
FSEL = VIN, SYNC = VIN, no load, device switching
5.7
mA
Shutdown Current
ISHUT
EN = GND, TJ = −40°C to +85°C
1.2
3.5
μA
FIXED OUTPUT
Output Current
IOUT
800
mA
Fixed Output Accuracy
VOUT
Initial set point, IOUT = 250 mA, TJ = 25°C
−1
+1
%
IOUT = 250 mA
−1.5
+1.5
%
No load to full load, PWM mode
−3
+3
%
ADJUSTABLE OUTPUT
Feedback Voltage
VFB
0.8
V
Feedback Voltage Accuracy
VFB-TOL
Initial set point, IOUT = 250 mA, TJ = 25°C
−1
+1
%
Output Voltage Range
VOUT-ADJ
No load to full load
0.8
14
V
FIXED AND ADJUSTABLE OUTPUT
Load Regulation
∆VOUT/∆IOUT
No load to full load
0.125
%/A
Line Regulation
∆VOUT/∆VIN
IOUT = 250 mA
0.01
%/V
Efficiency
EFF
IOUT = 250 mA, VIN = 7.2 V, VOUT = 3.3 V
92
%
Overcurrent Frequency Foldback Threshold
Rising
OCFOLDBACK-RISE
% of VOUT, VOUT rising
50
%
Falling
OCFOLDBACK-FALL
% of VOUT, VOUT falling
37.5
%
PSM Threshold
PSMTHRESHOLD
VIN = 7.2 V, VOUT = 3.3 V
170
mA
Feedback Pin Input Current
Fixed
IFB-FIXED
Fixed output voltage model
2.5
μA
Adjustable
IFB-ADJUST
Adjustable output voltage model
10
nA
Minimum On Time
ON-TIMEMIN
VIN < 5.5 V
65
100
ns
VIN > 5.5 V
40
60
ns
Soft Start Time
SSTIME
When EN rises from 0 V to VIN, and VOUT = 0.9 × VOUT
350
μs
Active Pull-Down Resistance
(ADP2371)
RPULL-DOWN
260
400
Ω
POWER SWITCH
P-Channel On Resistance
RDSON-P
VIN > 5.5 V, IOUT = 400 mA
400
mΩ
VIN < 5.5 V, IOUT = 400 mA
500
mΩ
N-Channel On Resistance
RDSON-N
VIN > 5.5 V, IOUT = 400 mA
280
mΩ
VIN < 5.5 V, IOUT = 400 mA
400
mΩ
Current Limit
P-Channel
ILIM-P
Peak inductor current
1200
1300
mA
N-Channel
ILIM-N
Peak inductor current
500
550
mA
Leakage Current
ILEAK-SW
P-Channel
0.01
1
μA
N-Channel
0.01
1
μA
OSCILLATOR
Oscillator Frequency
fOSC
FSEL = VIN, 3.2 V ≤ VIN ≤ 15 V
1.0
1.2
1.4
MHz
FSEL = 0 V, 3.2 V ≤ VIN ≤ 15 V
500
600
700
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com