Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2371 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP2371
Description  High Voltage, 1.2 MHz/600 kHz, 800 mA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2371 Datasheet(HTML) 2 Page - Analog Devices

  ADP2371 Datasheet HTML 1Page - Analog Devices ADP2371 Datasheet HTML 2Page - Analog Devices ADP2371 Datasheet HTML 3Page - Analog Devices ADP2371 Datasheet HTML 4Page - Analog Devices ADP2371 Datasheet HTML 5Page - Analog Devices ADP2371 Datasheet HTML 6Page - Analog Devices ADP2371 Datasheet HTML 7Page - Analog Devices ADP2371 Datasheet HTML 8Page - Analog Devices ADP2371 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
ADP2370/ADP2371
Data Sheet
Rev. A | Page 2 of 32
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Typical Application Circuit ............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Recommended Specifications: Capacitors ................................ 5
 
Absolute Maximum Ratings ....................................................... 6
 
Thermal Data ................................................................................ 6
 
Thermal Resistance ...................................................................... 6
 
ESD Caution.................................................................................. 6
 
Pin Configuration and Function Descriptions............................. 7
 
Typical Performance Characteristics ............................................. 8
 
Buck Output .................................................................................. 8
 
Theory of Operation ...................................................................... 20
 
PWM Operation......................................................................... 20
 
PSM Operation ........................................................................... 21
 
Features Descriptions..................................................................... 22
 
Precision Enable ......................................................................... 22
 
Forced PWM or PWM/PSM Selection.................................... 22
 
Quick Output Discharge (QOD) Function............................. 22
 
Short-Circuit Protection............................................................ 22
 
Undervoltage Lockout ............................................................... 22
 
Thermal Protection.................................................................... 22
 
Soft Start ...................................................................................... 22
 
Current Limit .............................................................................. 22
 
100% Duty Cycle ........................................................................ 23
 
Synchronizing ............................................................................. 23
 
Power Good ................................................................................ 24
 
Applications Information .............................................................. 25
 
ADIsimPower Design Tool ....................................................... 25
 
External Component Selection ................................................ 25
 
Selecting the Inductor................................................................ 25
 
Output Capacitor........................................................................ 25
 
Input Capacitor........................................................................... 25
 
Adjustable Output Voltage Programming .............................. 25
 
Efficiency..................................................................................... 26
 
Recommended Buck External Components .......................... 26
 
Capacitor Selection .................................................................... 28
 
Thermal Considerations................................................................ 29
 
PCB Layout Considerations...................................................... 30
 
Packaging and Ordering Information ......................................... 32
 
Outline Dimensions................................................................... 32
 
Ordering Guide .......................................................................... 32
 
REVISION HISTORY
5/12—Rev. 0 to Rev. A
Changed Voltage Range for SW to PGND and Ground Plane
from −0.3 V to VIN + 0.3 V to −0.7 V to VIN + 0.3 V ............... 6
Changes to Ordering Guide .......................................................... 32
4/12—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com