Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2371 Datasheet(PDF) 30 Page - Analog Devices

Part # ADP2371
Description  High Voltage, 1.2 MHz/600 kHz, 800 mA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2371 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADP2371 Datasheet HTML 24Page - Analog Devices ADP2371 Datasheet HTML 25Page - Analog Devices ADP2371 Datasheet HTML 26Page - Analog Devices ADP2371 Datasheet HTML 27Page - Analog Devices ADP2371 Datasheet HTML 28Page - Analog Devices ADP2371 Datasheet HTML 29Page - Analog Devices ADP2371 Datasheet HTML 30Page - Analog Devices ADP2371 Datasheet HTML 31Page - Analog Devices ADP2371 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
ADP2370/ADP2371
Data Sheet
Rev. A | Page 30 of 32
0
0.2
0.6
0.4
0.8
1.0
TOTAL POWER DISSIPATION (W)
6400mm2
500mm2
100mm2
TJ MAX
85
95
105
115
125
135
Figure 89. Junction Temperature vs. Power Dissipation, TA = 85°C
In cases where the board temperature is known, use the thermal
characterization parameter, ΨJB, to estimate the junction temper-
ature rise. Maximum junction temperature (TJ) is calculated
from the board temperature (TB) and power dissipation (PD)
using the formula:
TJ = TB + (PD × ΨJB)
(5)
The typical ΨJB value for the 8-lead, 3 mm × 3 mm LFCSP is
22.2°C/W.
20
40
60
80
100
120
140
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TOTAL POWER DISSIPATION (W)
25°C
50°C
65°C
85°C
TJ MAX
Figure 90. Junction Temperature vs. Power Dissipation,
Different Board Temperatures
PCB LAYOUT CONSIDERATIONS
Improve heat dissipation from the package by increasing
the amount of copper attached to the pins of the ADP2370/
ADP2371. However, as listed in Table 8, a point of diminishing
returns is eventually reached, beyond which an increase in the
copper size does not yield significant heat dissipation benefits.
Poor layout can affect the ADP2370/ADP2371 buck performance
causing electromagnetic interference (EMI), poor electromagnetic
compatibility (EMC) performance, ground bounce, and voltage
losses; thus, regulation and stability can be affected. Implement
a good PCB layout to ensure optimum performance by applying
the following rules:
•
Place the inductor, input capacitor, and output capacitor
close to the IC using short tracks. These components carry
high switching frequencies and long, large tracks act like
antennas.
•
Route the output voltage path away from the inductor and
SW node to minimize noise and magnetic interference.
•
Use a ground plane with several vias connected to the
component-side ground to reduce noise interference on
sensitive circuit nodes.
•
Use of 0402-size or 0603-size capacitors achieves the smallest
possible footprint solution on boards where area is limited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com