Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDVE0630-R75M Datasheet(PDF) 6 Page - Analog Devices

Part # FDVE0630-R75M
Description  20 V, 6 A Synchronous Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FDVE0630-R75M Datasheet(HTML) 6 Page - Analog Devices

Back Button FDVE0630-R75M Datasheet HTML 2Page - Analog Devices FDVE0630-R75M Datasheet HTML 3Page - Analog Devices FDVE0630-R75M Datasheet HTML 4Page - Analog Devices FDVE0630-R75M Datasheet HTML 5Page - Analog Devices FDVE0630-R75M Datasheet HTML 6Page - Analog Devices FDVE0630-R75M Datasheet HTML 7Page - Analog Devices FDVE0630-R75M Datasheet HTML 8Page - Analog Devices FDVE0630-R75M Datasheet HTML 9Page - Analog Devices FDVE0630-R75M Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADP2381
Data Sheet
Rev. 0 | Page 6 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTION
Figure 3. Pin Configuration (Top View)
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2
PVIN
Power Input. Connect to the input power source and connect a bypass capacitor between this pin and
PGND.
3
UVLO
Undervoltage Lockout Pin. An external resistor divider can be used to set the turn-on threshold.
4
PGOOD
Power-Good Output (Open Drain). A pull-up resistor of 10 kΩ to 100 kΩ is recommended.
5
RT
Frequency Setting. Connect a resistor between RT and GND to program the switching frequency
between 250 kHz and 1.4 MHz. If the RT pin is connected to GND, the switching frequency is set to 290
kHz. If the RT pin is open, the switching frequency is set to 550 kHz.
6
SYNC
Synchronization Input. Connect this pin to an external clock to synchronize the switching frequency
between 250 kHz and 1.4 MHz (see the Oscillator section and the Synchronization section for details).
7
EN/SS
Enable Pin (EN). When this pin voltage falls below 0.5 V, the regulator is disabled.
Soft Start (SS). This pin can also be used to set the soft start time.
Connect a capacitor from SS to GND to program the slow soft start time. If this pin is open, the regulator
is enabled and uses the internal soft start.
8
COMP
Error Amplifier Output. Connect an RC network from COMP to FB.
9
FB
Feedback Voltage Sense Input. Connect to a resistor divider from V
OUT.
10
GND
Analog Ground. Connect to the ground plane.
11
PGND
Power Ground. Connect to the source of the synchronous N-channel MOSFET.
12
VREG
Internal 8 V Regulator Output. Place a 1 µF ceramic capacitor between this pin and GND.
13
LD
Low-Side Gate Driver Output. Connect this pin to the gate of the synchronous N-MOSFET.
14, 15
SW
Switch Node Output. Connect this pin to the output inductor.
16
BST
Supply Rail for the High-Side Gate Drive. Place a 0.1 µF ceramic capacitor between SW and BST.
17
EPAD
The exposed pad should be soldered to an external ground plane underneath the IC for thermal
dissipation.
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
ADP2381
16
15
14
13
12
11
10
9
PVIN
UVLO
PGOOD
EN/SS
SYNC
RT
PVIN
SW
SW
LD
GND
COMP
FB
PGND
VREG
BST
NOTES
1. THE EXPOSED PAD SHOULD BE SOLDERED
TO AN EXTERNAL GROUND PLANE UNDERNEATH
THE IC FOR THERMAL DISSIPATION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com