Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDVE0630-R75M Datasheet(PDF) 8 Page - Analog Devices

Part # FDVE0630-R75M
Description  20 V, 6 A Synchronous Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FDVE0630-R75M Datasheet(HTML) 8 Page - Analog Devices

Back Button FDVE0630-R75M Datasheet HTML 4Page - Analog Devices FDVE0630-R75M Datasheet HTML 5Page - Analog Devices FDVE0630-R75M Datasheet HTML 6Page - Analog Devices FDVE0630-R75M Datasheet HTML 7Page - Analog Devices FDVE0630-R75M Datasheet HTML 8Page - Analog Devices FDVE0630-R75M Datasheet HTML 9Page - Analog Devices FDVE0630-R75M Datasheet HTML 10Page - Analog Devices FDVE0630-R75M Datasheet HTML 11Page - Analog Devices FDVE0630-R75M Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADP2381
Data Sheet
Rev. 0 | Page 8 of 28
Figure 10. PVIN UVLO Threshold vs. Temperature
Figure 11. SS Pin Pull-Up Current vs. Temperature
Figure 12. Frequency vs. Temperature
Figure 13. UVLO Pin Threshold vs. Temperature
Figure 14. FB Voltage vs. Temperature
Figure 15. VREG Voltage vs. Temperature
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
4.5
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
RISING
FALLING
3.30
2.90
–40
120
TEMPERATURE (°C)
2.95
3.00
3.05
3.10
3.15
3.20
3.25
–20
0
20
40
60
80
100
530
520
510
470
480
490
500
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
ROSC = 100kΩ
1.00
1.30
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
1.05
1.10
1.15
1.20
1.25
RISING
FALLING
606
604
602
594
596
598
600
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
8.4
7.6
–40
120
TEMPERATURE (°C)
7.7
7.8
7.9
8.0
8.1
8.2
8.3
–20
0
20
40
60
80
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com