Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDVE0630-R75M Datasheet(PDF) 16 Page - Analog Devices

Part # FDVE0630-R75M
Description  20 V, 6 A Synchronous Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FDVE0630-R75M Datasheet(HTML) 16 Page - Analog Devices

Back Button FDVE0630-R75M Datasheet HTML 12Page - Analog Devices FDVE0630-R75M Datasheet HTML 13Page - Analog Devices FDVE0630-R75M Datasheet HTML 14Page - Analog Devices FDVE0630-R75M Datasheet HTML 15Page - Analog Devices FDVE0630-R75M Datasheet HTML 16Page - Analog Devices FDVE0630-R75M Datasheet HTML 17Page - Analog Devices FDVE0630-R75M Datasheet HTML 18Page - Analog Devices FDVE0630-R75M Datasheet HTML 19Page - Analog Devices FDVE0630-R75M Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ADP2381
Data Sheet
Rev. 0 | Page 16 of 28
For a duty cycle that is larger than 50%, the minimum inductor
value is determined by the following equation:
SW
OUT
f
D
V
×
−
×
2
)
1
(
The inductor peak current is calculated using the following
equation:
2
L
OUT
PEAK
I
I
I
∆
+
=
The saturation current of the inductor must be larger than the
peak inductor current. For the ferrite core inductors with a
quick saturation characteristic, the saturation current rating of
the inductor should be higher than the current-limit threshold of
the switch to prevent the inductor from becoming saturated.
The rms current of the inductor can be calculated by
12
2
2
L
OUT
RMS
I
I
I
∆
+
=
Shielded ferrite core materials are recommended for low core
loss and low EMI. Table 7 lists some recommended inductors.
Table 7. Recommended Inductors
Vendor
Part No.
Value (µH)
I
SAT (A)
I
RMS (A)
DCR (mΩ)
Toko
FDVE0630-R47M
0.47
15.6
14.1
3.7
FDVE0630-R75M
0.75
10.9
10.7
6.2
FDVE0630-1R0M
1.0
9.5
9.5
8.5
FDVE1040-1R5M
1.5
13.7
14.6
4.6
FDVE1040-2R2M
2.2
11.4
11.6
6.8
FDVE1040-3R3M
3.3
9.8
9.0
10.1
FDVE1040-4R7M
4.7
8.2
8.0
13.8
Vishay
IHLP3232DZ-R47M-11
0.47
14
25
2.38
IHLP3232DZ-R68M-11
0.68
14.5
22.2
3.22
IHLP3232DZ-1R0M-11
1.0
12
18.2
4.63
IHLP4040DZ-1R5M-01
1.5
27.5
15
5.8
IHLP4040DZ-2R2M-01
2.2
25.6
12
9
IHLP4040DZ-3R3M-01
3.3
18.6
10
14.4
IHLP4040DZ-4R7M-01
4.7
17
9.5
16.5
Wurth Elektronik
744 325 120
1.2
25
20
1.8
744 325 180
1.8
18
16
3.5
744 325 240
2.4
17
14
4.75
744 325 330
3.3
15
12
5.9
744 325 420
4.2
14
11
7.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com