Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDVE0630-R75M Datasheet(PDF) 1 Page - Analog Devices

Part # FDVE0630-R75M
Description  20 V, 6 A Synchronous Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FDVE0630-R75M Datasheet(HTML) 1 Page - Analog Devices

  FDVE0630-R75M Datasheet HTML 1Page - Analog Devices FDVE0630-R75M Datasheet HTML 2Page - Analog Devices FDVE0630-R75M Datasheet HTML 3Page - Analog Devices FDVE0630-R75M Datasheet HTML 4Page - Analog Devices FDVE0630-R75M Datasheet HTML 5Page - Analog Devices FDVE0630-R75M Datasheet HTML 6Page - Analog Devices FDVE0630-R75M Datasheet HTML 7Page - Analog Devices FDVE0630-R75M Datasheet HTML 8Page - Analog Devices FDVE0630-R75M Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
20 V, 6 A Synchronous Step-Down
Regulator with Low-Side Driver
Data Sheet
ADP2381
FEATURES
Input voltage: 4.5 V to 20 V
Integrated 44 mΩ high-side MOSFET
0.6 V ± 1% reference voltage over temperature
Continuous output current: 6 A
Programmable switching frequency: 250 kHz to 1.4 MHz
Synchronizes to external clock: 250 kHz to 1.4 MHz
180° out-of-phase synchronization
Programmable UVLO
Power-good output
External compensation
Internal soft start with external adjustable option
Startup into a precharged output
Supported by ADIsimPower design tool
APPLICATIONS
Communication infrastructure
Networking and servers
Industrial and instrumentation
Healthcare and medical
Intermediate power rail conversion
DC-to-dc point of load application
TYPICAL APPLICATIONS CIRCUIT
Figure 1.
Figure 2. ADP2381 Efficiency vs. Output Current, VIN = 12 V, fSW = 250 kHz
GENERAL DESCRIPTION
The ADP2381 is a current mode control, synchronous, step-
down, dc-to-dc regulator. It integrates a 44 mΩ power MOSFET
and a low-side driver to provide a high efficiency solution. The
ADP2381 runs from an input voltage of 4.5 V to 20 V and can
deliver 6 A of output current. The output voltage can be
adjusted to 0.6 V to 90% of the input voltage. The switching
frequency of the ADP2381 can be programmed from
250 kHz to 1.4 MHz or fixed at 290 kHz or 550 kHz. The
synchronization function allows the switching frequency to be
synchronized to an external clock to minimize system noise.
External compensation and an adjustable soft start provide
design flexibility. The power-good output provides simple and
reliable power sequencing. Additional features include
programmable undervoltage lockout (UVLO), overvoltage
protection (OVP), overcurrent protection (OCP), and thermal
shutdown (TSD).
The ADP2381 operates over the −40°C to +125°C junction
temperature range and is available in a 16-lead TSSOP_EP
package.
ADP2381
1
PVIN
PVIN
UVLO
PGOOD
RT
SYNC
EN/SS
COMP
BST
SW
SW
LD
VREG
PGND
GND
FB
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ROSC
RTOP
RBOT
CSS
CIN
COUT
VOUT
CBST
CVREG
L
VIN
CC_EA
CCP_EA
RC_EA
FET
100
50
55
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
OUTPUT CURRENT (A)
VOUT = 3.3V
VOUT = 5V
VOUT = 1.2V
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.


Similar Part No. - FDVE0630-R75M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
FDVE0630-R75M TOKO-FDVE0630-R75M Datasheet
86Kb / 1P
Fixed Inductors for Surface Mounting
More results

Similar Description - FDVE0630-R75M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2325 AD-ADP2325 Datasheet
853Kb / 32P
Dual 5 A, 20 V Synchronous Step-Down
REV. 0
ADP2384 AD-ADP2384 Datasheet
650Kb / 24P
20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
logo
Texas Instruments
TPS50601VTDC2 TI-TPS50601VTDC2 Datasheet
168Kb / 5P
1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
TPS50601-DIE TI1-TPS50601-DIE Datasheet
198Kb / 7P
6-A Synchronous Step Down SWIFT Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS566235 TI1-TPS566235 Datasheet
1Mb / 27P
4.5-V to 18-V input, 6-A synchronous step-down converter
TPS566235 TI1-TPS566235_19 Datasheet
1Mb / 28P
4.5-V to 18-V input, 6-A synchronous step-down converter
logo
Analog Devices
ADP2387 AD-ADP2387 Datasheet
571Kb / 25P
20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
4/2017-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com