Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDVE0630-R75M Datasheet(PDF) 19 Page - Analog Devices

Part # FDVE0630-R75M
Description  20 V, 6 A Synchronous Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FDVE0630-R75M Datasheet(HTML) 19 Page - Analog Devices

Back Button FDVE0630-R75M Datasheet HTML 15Page - Analog Devices FDVE0630-R75M Datasheet HTML 16Page - Analog Devices FDVE0630-R75M Datasheet HTML 17Page - Analog Devices FDVE0630-R75M Datasheet HTML 18Page - Analog Devices FDVE0630-R75M Datasheet HTML 19Page - Analog Devices FDVE0630-R75M Datasheet HTML 20Page - Analog Devices FDVE0630-R75M Datasheet HTML 21Page - Analog Devices FDVE0630-R75M Datasheet HTML 22Page - Analog Devices FDVE0630-R75M Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
ADP2381
Rev. 0 | Page 19 of 28
•
CCP is optional, and it can be used to cancel the zero caused
by the ESR of the output capacitors.
C
OUT
ESR
CP
R
C
R
C
×
=
Compensation Network Between COMP and FB
The compensation RC network can also be placed between
COMP and FB, as shown in Figure 34.
Figure 34. Small Signal Circuit with Compensation Network Between COMP
and FB
When connecting the compensation network as shown in
Figure 34, it should have the same pole and zero as in Figure 33
to maintain the same compensation performance.
Assuming that the compensation networks of Figure 33 and
Figure 34 have the same pole and zero,
)
1
)(
//
)(
(
)
(
)
(
)
1
)(
//
(
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
0
m
BOT
TOP
EA
C
EA
CP
EA
C
EA
C
EA
C
EA
CP
0
C
C
C
CP
0
0
m
BOT
TOP
EA
CP
EA
C
EA
C
EA
CP
EA
C
EA
C
0
CP
C
C
0
m
EA
C
EA
CP
EA
C
EA
C
C
C
r
g
R
R
C
C
C
R
C
C
r
C
R
C
C
r
r
g
R
R
C
C
R
C
C
R
r
C
C
R
r
g
C
C
C
R
C
R
×
+
+
+
+
+
=
+
+
×
+
+
=
+
−
=
where:
r0 is the equivalent output impedance of the trans-conductance
amplifier, 40 MΩ.
BOT
TOP
BOT
TOP
BOT
TOP
R
R
R
R
R
R
+
=
//
Solve the preceding equations to obtain:
)
)(
(
)
)(
(
_
_
_
_
A
r
C
R
B
C
C
R
r
C
C
C
R
B
R
A
r
C
R
B
C
C
R
r
g
B
C
0
C
C
CP
C
C
0
EA
CP
EA
C
C
C
EA
C
0
C
C
CP
C
C
0
m
EA
C
+
+
=
+
=
+
+
−
×
=
where:
)
(
1
)
(
)
1
)(
//
(
0
m
C
CP
0
0
m
BOT
TOP
r
A
g
C
C
r
B
r
g
R
R
A
+
+
+
=
×
+
=
ADIsimPower DESIGN TOOL
The ADP2381 is supported by the ADIsimPower™ design tool
set. ADIsimPower is a collection of tools that produce complete
power designs that are optimized for a specific design goal. The
tools enable the user to generate a full schematic and bill of
materials and calculate performance in minutes. ADIsimPower
can optimize designs for cost, area, efficiency, and parts count,
while taking into consideration the operating conditions and
limitations of the IC and all real external components. For more
information about the ADIsimPower design tools, visit
www.analog.com/ADIsimPower. The tool set is available from
this website, and users can request an unpopulated board.
RESR
R
+
–
g
m
COUT
RTOP
RBOT
–
+
AVI
VOUT
VCOMP
VOUT
ADP2381
GND
COMP
FB
CCP_EA
RC_EA
CC_EA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com