Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5040ACPZ-1-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADP5040ACPZ-1-R7
Description  Micro PMU with 1.2 A Buck Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5040ACPZ-1-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADP5040ACPZ-1-R7 Datasheet HTML 31Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 32Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 33Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 34Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 35Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 36Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 37Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 38Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
Data Sheet
ADP5040
Rev. 0 | Page 35 of 40
BILL OF MATERIALS
Table 13.
Reference
Value
Part Number
Vendor
Package
C1
4.7 µF, X5R, 6.3 V
JMK107BJ475
Taiyo-Yuden
0603
C2, C3
1 µF, X5R, 6.3 V
LMK105BJ105MV-F
Taiyo-Yuden
0402
C4
10 µF, X5R, 6.3 V
JMK107BJ106MA-T
Taiyo-Yuden
0603
C5, C6
2.2 µF, X5R, 6.3 V
JMK105BJ225MV-F
Taiyo-Yuden
0402
L1
1 µH, 85 mΩ, 1400 mA
LQM2MPN1R0NG0B
Murata
2.0 × 1.6 × 0.9 (mm)
1 µH, 85 mΩ, 1350 mA
MDT2520-CN
Toko
2.5 × 2.0 × 1.2 (mm)
1 µH, 89 mΩ, 1800 mA
XPL2010-1102ML
Coilcraft
1.9 × 2.0 × 1.0 (mm)
IC1
3-regulator micro PMU
ADP5040
Analog Devices
20-Lead LFCSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com