Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5040ACPZ-1-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP5040ACPZ-1-R7
Description  Micro PMU with 1.2 A Buck Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5040ACPZ-1-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP5040ACPZ-1-R7 Datasheet HTML 21Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 22Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 23Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 24Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 25Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 26Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 27Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 28Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
Data Sheet
ADP5040
Rev. 0 | Page 25 of 40
THEORY OF OPERATION
PWM/
PSM
CONTROL
BUCK1
DRIVER
AND
ANTISHOOT
THROUGH
PSM
COMP
ADP5040
VOUT1
FB1
VIN1
AVIN
SW
PGND
AGND
VIN2
FB2
VOUT2
VIN3
ENLDO1
600
ENBK
ENLDO2
600
VOUT3
FB3
OSCILLATOR
THERMAL
SHUTDOWN
VDDA
PWM
COMP
GM ERROR
AMP
85Ω
SOFT START
SYSTEM
UNDERVOLTAGE
LOCK OUT
LDO1
CONTROL
LDO2
CONTROL
VDDA
ENABLE
& MODE
CONTROL
ENLDO1
ENBK
ENLDO2
MODE
SEL
MODE
EN1
EN2
EN3
OPMODE_FUSES
VDDA
ILIMIT
LOW
CURRENT
Figure 101. Functional Block Diagram
POWER MANAGEMENT UNIT
The ADP5040 is a micro power management unit (micro PMU)
combing one step-down (buck) dc-to-dc regulator and two low
dropout linear regulators (LDOs). The high switching frequency
and tiny 20-pin LFCSP package allow for a small power
management solution.
The regulators are activated by a logic level high applied to the
respective EN pin. The EN1 pin controls the buck regulator, the
EN2 pin controls LDO1, and the EN3 pin controls LDO2. The
MODE pin controls the buck switching operation.
The regulator output voltages are set through external resistor
dividers.
When a regulator is turned on, the output voltage ramp is
controlled through a soft start circuit to avoid a large inrush
current due to the discharged output capacitors.
The buck regulator can operate in forced PWM mode if the
MODE pin is at a logic high level. In forced PWM mode, the
switching frequency of the buck is always constant and does not
change with the load current. If the MODE pin is at a logic low
level, the switching regulator operates in auto PWM/PSM mode.
In this mode, the regulator operates at fixed PWM frequency
when the load current is above the power saving current threshold.
When the load current falls below the power save current
threshold, the regulator enters power saving mode, where the
switching occurs in bursts. The burst repetition rate is a
function of the current load and the output capacitor value.
This operating mode reduces the switching and quiescent
current losses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com