Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5040ACPZ-1-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP5040ACPZ-1-R7
Description  Micro PMU with 1.2 A Buck Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5040ACPZ-1-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP5040ACPZ-1-R7 Datasheet HTML 10Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
ADP5040
Data Sheet
Rev. 0 | Page 14 of 40
CH2
CH3
CH4
A CH1
640mV
200ns/DIV
500MS/s
2.0ns/pt
SW
VOUT
ISW
200mA/DIV
1MΩ BW 20.0M
3.0V/DIV
1MΩ BW 20.0M
20.0mV/DIV
20.0M
2
3
4
Figure 39. Typical Waveforms, VOUT1 = 1.8 V, IOUT1 = 30 mA, PWM Mode
CH2
CH3
CH4
A CH3
1.14V
200ns/DIV
500MS/s
2.0ns/pt
SW
VOUT
ISW
200mA/DIV
1MΩ BW 20.0M
3.0V/DIV
1MΩ BW 20.0M
40.0mV/DIV
20.0M
2
3
4
Figure 40. Typical Waveforms, VOUT1 = 1.2 V, IOUT1 = 30 mA, PWM Mode
CH1
CH2
CH3
A CH3
4.48V
SW
VOUT
VIN
3.0V/DIV
50.0mV/DIV
1MΩ BW 20.0M
1.0V/DIV
2
1
3
B
W 400M
B
W 20.0M
200µs/DIV
1.0MS/s
1.0µs/pt
Figure 41. Buck Response to Line Transient, Input Voltage from 4.5 V to
5.0 V, VOUT1 = 3.3 V, IOUT1 = 5 mA, Auto Mode
CH1
CH2
CH3
A CH3
4.48V
SW
VOUT
VIN
3.0V/DIV
30.0mV/DIV
1MΩ BW 20.0M
1.0V/DIV
2
1
3
B
W 400M
B
W 20.0M
200µs/DIV
1.0MS/s
1.0µs/pt
Figure 42. Buck Response to Line Transient, Input Voltage from 4.5 V to
5.0 V, VOUT1 = 1.8 V, IOUT1 = 5 mA, Auto Mode
CH1
CH2
CH3
A CH3
4.48V
SW
VOUT
VIN
3.0V/DIV
50.0mV/DIV
1MΩ BW 20.0M
1.0V/DIV
2
1
3
B
W 400M
B
W 20.0M
200µs/DIV
1.0MS/s
1.0µs/pt
Figure 43. Buck Response to Line Transient, Input Voltage from 4.5 V to
5.0 V, VOUT1 = 1.2 V, IOUT1 = 5 mA, Auto Mode
CH1
CH2
CH3
A CH3
4.48V
SW
VOUT
VIN
3.0V/DIV
50.0mV/DIV
1MΩ BW 20.0M
1.0V/DIV
2
1
3
B
W 400M
B
W 20.0M
200µs/DIV
1.0MS/s
1.0µs/pt
Figure 44. Buck Response to Line Transient, Input Voltage from 4.5 V to
5.0 V, VOUT1 = 3.3 V, PWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com