Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5040ACPZ-1-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5040ACPZ-1-R7
Description  Micro PMU with 1.2 A Buck Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5040ACPZ-1-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP5040ACPZ-1-R7 Datasheet HTML 1Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Micro PMU with 1.2 A Buck Regulator
and Two 300 mA LDOs
Data Sheet
ADP5040
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Input voltage range: 2.3 V to 5.5 V
One 1.2 A buck regulator
Two 300 mA LDOs
20-lead, 4 mm × 4 mm LFCSP package
Overcurrent and thermal protection
Soft start
Undervoltage lockout
Buck key specifications
Output voltage range: 0.8 V to 3.8 V
Current mode topology for excellent transient response
3 MHz operating frequency
Peak efficiency up to 96%
Uses tiny multilayer inductors and capacitors
Mode pin selects forced PWM or auto PWM/PSM modes
100% duty cycle low dropout mode
LDOs key specifications
Output voltage range: 0.8 V to 5.2 V
Low VIN from 1.7 V to 5.5 V
Stable with 2.2 µF ceramic output capacitors
High PSRR
Low output noise
Low dropout voltage
−40°C to +125°C junction temperature range
GENERAL DESCRIPTION
The ADP5040 combines one high performance buck regulator
and two low dropout regulators (LDO) in a small 20-lead
LFCSP to meet demanding performance and board space
requirements.
The high switching frequency of the buck regulator enables the use
of tiny multilayer external components and minimizes board space.
When the MODE pin is set to logic high, the buck regulator
operates in forced pulse width modulation (PWM) mode.
When the MODE pin is set to logic low, the buck regulator
operates in PWM mode when the load is around the nominal
value. When the load current falls below a predefined threshold
the regulator operates in power save mode (PSM) improving
the light-load efficiency. The low quiescent current, low
dropout voltage, and wide input voltage range of the ADP5040
LDOs extend the battery life of portable devices. The ADP5040
LDOs maintain a power supply rejection greater than 60 dB for
frequencies as high as 10 kHz while operating with a low headroom
voltage.
Each regulator in the ADP5040 is activated by a high level on
the respective enable pin. The output voltages of the regulators
are programmed though external resistor dividers to address a
variety of applications.
FUNCTIONAL BLOCK DIAGRAM
SW
C3
1µF
FB2
R4
R2
R1
R3
FB3
R3
R7
C2
2.2µF
C4
2.2µF
VOUT2
VOUT1
FB1
VIN1 = 2.3V TO
5.5V
VIN1
EN1
VIN2
EN2
EN3
VIN3
VIN3 = 1.7V
TO 5.5V
EN_LDO2
LDO2
(ANALOG)
BUCK
PGND
MODE
VOUT3
LDO1
(DIGITAL)
EN_LDO1
AVIN
AVIN
RFILT = 30Ω
C5
4.7µF
VIN2 = 1.7V
TO 5.5V
VOUT1 AT
1.2A
VOUT2 AT
300mA
VOUT3 AT
300mA
C6
10µF
L1
1µH
C1
1µF
ON
OFF
ON
OFF
ON
OFF
AGND
EN_BK
PSM/PWM
FPWM
Figure 1.


Similar Part No. - ADP5040ACPZ-1-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5040 AD-ADP5040 Datasheet
782Kb / 24P
Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
11/14-Revision 0
More results

Similar Description - ADP5040ACPZ-1-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5042 AD-ADP5042 Datasheet
1Mb / 32P
Micro PMU with 0.8 A Buck, Two 300 mA LDOs Supervisory, Watchdog and Manual Reset
REV. 0
logo
Alpha & Omega Semicondu...
AOZ1280CI AOSMD-AOZ1280CI Datasheet
656Kb / 13P
EZBuck??1.2 A Simple Buck Regulator
logo
ON Semiconductor
NCV890130 ONSEMI-NCV890130 Datasheet
179Kb / 15P
1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890130MWTXG ONSEMI-NCV890130MWTXG Datasheet
179Kb / 15P
1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890131 ONSEMI-NCV890131 Datasheet
157Kb / 19P
1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2015 ??Rev. 3
logo
SHANGHAI BELLING CO., L...
BL8087 BELLING-BL8087 Datasheet
695Kb / 6P
PMU with a Synchronous 1A Buck and a CMOS 500mA LDO
logo
Analog Devices
ADP5003 AD-ADP5003 Datasheet
1,013Kb / 31P
Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
3/2019-Rev. 0 to Rev. A
ADP5041 AD-ADP5041 Datasheet
4Mb / 40P
Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
5/2019-Rev. A to Rev. B
logo
ON Semiconductor
NCV890100 ONSEMI-NCV890100_V01 Datasheet
250Kb / 19P
Switching Regulator - Automotive Buck 1.2 A, 2 MHz
November, 2021 ??Rev. 4
logo
Alpha & Omega Semicondu...
AOZ1280 AOSMD-AOZ1280 Datasheet
1Mb / 13P
EZBuck™ 1.2 A Simple Buck Regulator
Rev. 1.1 August 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com