Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5040ACPZ-1-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP5040ACPZ-1-R7
Description  Micro PMU with 1.2 A Buck Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5040ACPZ-1-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP5040ACPZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 19Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 20Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 21Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 22Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 23Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 24Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 25Page - Analog Devices ADP5040ACPZ-1-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
ADP5040
Data Sheet
Rev. 0 | Page 22 of 40
CH2
CH3
A CH3
4.02V
2
VOUT
20.0mV/DIV
1.0V/DIV
B
W 20.0M
3
1MΩ BW 20.0M
200µs/DIV
1.0MS/s
1.0µs/pt
VIN
Figure 87. LDO1, LDO2 Response to Line Transient, Input Voltage from
3.3 V to 3.8 V, VOUT = 1.8 V
CH2
CH3
A CH3
4.84V
2
VOUT
20.0mV/DIV
1.0V/DIV
B
W 20.0M
3
1MΩ BW 20.0M
200µs/DIV
1.0MS/s
1.0µs/pt
VIN
Figure 88. LDO1, LDO2 Response to Line Transient, Input Voltage from
3.3 V to 3.8 V, VOUT = 1.2 V
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
3.6
4.1
4.6
5.1
5.6
VIN (V)
VOUT = 3.3V
Figure 89. LDO1, LDO2 Output Current Capability vs. Input Voltage
LOAD (mA)
100
10
0.0001
0.001
0.01
0.1
1
10
100
1k
CH2; VOUT = 3.3V; VIN = 5V
CH2; VOUT = 3.3V; VIN = 3.6V
CH2; VOUT = 2.8V; VIN = 3.1V
CH2; VOUT = 1.5V; VIN = 5V
CH2; VOUT = 1.5V; VIN = 1.8V
Figure 90. LDO1 Output Noise vs. Load Current, Across Input and
Output Voltage
LOAD (mA)
100
10
CH3; VOUT = 3.3V; VIN = 5V
CH3; VOUT = 3.3V; VIN = 3.6V
CH3; VOUT = 2.8V; VIN = 3.1V
CH3; VOUT = 1.5V; VIN = 5V
CH3; VOUT = 1.5V; VIN = 1.8V
0.0001
0.001
0.01
0.1
1
10
100
1k
Figure 91. LDO2 Output Noise vs. Load Current, Across Input and Output
Voltage
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
100
10
1.0
0.1
0.01
VOUT2 = 3.3V, VIN2 = 3.6V, ILOAD = 300mA
VOUT2 = 1.5V, VIN2 = 1.8V, ILOAD = 300mA
VOUT2 = 2.8V, VIN2 = 3.1V, ILOAD = 300mA
Figure 92. LDO1 Noise Spectrum Across Output Voltage,
VIN = VOUT + 0.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com