Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH416-R Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # SFH416-R
Description  GaAs-IR-Lumineszenzdioden GaAs Infrared Emitters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH416-R Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  SFH416-R Datasheet HTML 1Page - Siemens Semiconductor Group SFH416-R Datasheet HTML 2Page - Siemens Semiconductor Group SFH416-R Datasheet HTML 3Page - Siemens Semiconductor Group SFH416-R Datasheet HTML 4Page - Siemens Semiconductor Group SFH416-R Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Semiconductor Group
4
1997-11-01
SFH 415
SFH 416
Gruppierung der Strahlstärke I
e in Achsrichtung
gemessen bei einem Raumwinkel
Ω = 0.01 sr
Grouping of radiant intensity I
e
in axial direction
at a solid angle of
Ω = 0.01 sr
Temperaturkoeffizient von I
e bzw. Φe,
I
F = 100 mA
Temperature coefficient of I
e or Φe,
I
F = 100 mA
TC
I
– 0.5
%/K
Temperaturkoeffizient von
V
F, IF = 100 mA
Temperature coefficient of
V
F, IF = 100 mA
TC
V
– 2
mV/K
Temperaturkoeffizient von
λ, I
F = 100 mA
Temperature coefficient of
λ, I
F = 100 mA
TCλ
+ 0.3
nm/K
Bezeichnung
Description
Symbol
Symbol
Werte
Values
Einheit
Unit
SFH
415
SFH
415-T
SFH
415-U
SFH
416-R
Strahlstärke
Radiant intensity
I
F = 100 mA,
t
p = 20 ms
Ie min
Ie max
≥ 25
25
50
> 40
> 10
mW/sr
mW/sr
Strahlstärke
Radiant intensity
I
F = 1 A,
t
p = 100 µs
Ie typ.
380
600
150
mW/sr
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com