Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH416-R Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # SFH416-R
Description  GaAs-IR-Lumineszenzdioden GaAs Infrared Emitters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH416-R Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  SFH416-R Datasheet HTML 1Page - Siemens Semiconductor Group SFH416-R Datasheet HTML 2Page - Siemens Semiconductor Group SFH416-R Datasheet HTML 3Page - Siemens Semiconductor Group SFH416-R Datasheet HTML 4Page - Siemens Semiconductor Group SFH416-R Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SFH 415
SFH 416
Semiconductor Group
5
1997-11-01
Relative spectral emission
Irel = f (λ)
Forward current
IF = f (VF), single pulse, tp = 20 µs
OHRD1938
λ
rel
Ι
0
880
920
960
1000
nm
1060
20
40
60
80
%
100
OHR01554
V
F
-3
10
10 -2
10 -1
10 0
10 1
F
Ι
A
1
2
3
4
V
5
Radiant intensity
Single pulse,
tp = 20 µs
Ie
Ie 100 mA
= f (IF)
OHR01551
10 -3
Ι
F
-2
10
10 -1
10 0
10 1
10 2
Ι
e 100 mA
e
Ι
-2
10
-1
10
0
10
1
10
A
A
Max. permissible forward current
IF = f (TA)
OHR00883
0
F
Ι
0
20
40
60
80
100
120
20
40
60
80
100
120
mA
˚C
T
A
= 450 K/W
thjA
R
Radiation characteristics SFH 416 Irel = f (ϕ)
OHR01553
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ
Radiation characteristics SFH 415 Irel = f (ϕ)
OHR01552
90
80
70
60
50
40
30
20
10
20
40
60
80
100
120
0.4
0.6
0.8
1.0
ϕ
0.2
0.4
0.6
0.8
1.0
100
0
0
Permissible pulse handling capability
IF = f (τ), TC = 25 °C,
duty cycle D = parameter
t
OHR00860
p
-5
10
10
2
Ι
F
10
3
10
4
5
DC
0.2
0.5
0.1
0.005
0.01
0.02
0.05
t p
T
Ι
F
t p
T
D =
5
mA
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
s
D =



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com