Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH416-R Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SFH416-R
Description  GaAs-IR-Lumineszenzdioden GaAs Infrared Emitters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH416-R Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SFH416-R Datasheet HTML 1Page - Siemens Semiconductor Group SFH416-R Datasheet HTML 2Page - Siemens Semiconductor Group SFH416-R Datasheet HTML 3Page - Siemens Semiconductor Group SFH416-R Datasheet HTML 4Page - Siemens Semiconductor Group SFH416-R Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Semiconductor Group
2
1997-11-01
SFH 415
SFH 416
Grenzwerte (
T
A = 25 °C)
Maximum Ratings
Typ
Type
Bestellnummer
Ordering Code
Gehäuse
Package
SFH 415
Q62702-P296
5-mm-LED-Gehäuse (T 13/4), schwarz eingefärbt, An-
schluß im 2.54-mm-Raster (1/10’’),
Kathodenkennzeichnung: kürzerer Anschluß
5 mm LED package (T 13/4), black-colored epoxy resin
lens, solder tabs lead spacing 2.54 mm (1/10’’), cathode
marking: short lead
SFH 415-T
Q62702-P1136
SFH 415-U
Q62702-P1137
SFH 416-R
Q62702-P1139
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 55 ... + 100
°C
Sperrschichttemperatur
Junction temperature
T
j
100
°C
Sperrspannung
Reverse voltage
V
R
5V
Durchlaßstrom
Forward current
I
F
100
mA
Stoßstrom,
t
p = 10 µs, D = 0
Surge current
I
FSM
3A
Verlustleistung
Power dissipation
P
tot
165
mW
Wärmewiderstand
Thermal resistance
R
thJA
450
K/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com