Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH416-R Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # SFH416-R
Description  GaAs-IR-Lumineszenzdioden GaAs Infrared Emitters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH416-R Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SFH416-R Datasheet HTML 1Page - Siemens Semiconductor Group SFH416-R Datasheet HTML 2Page - Siemens Semiconductor Group SFH416-R Datasheet HTML 3Page - Siemens Semiconductor Group SFH416-R Datasheet HTML 4Page - Siemens Semiconductor Group SFH416-R Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SFH 415
SFH 416
Semiconductor Group
3
1997-11-01
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Wellenlänge der Strahlung
Wavelength at peak emission
I
F = 100 mA, tp = 20 ms
λ
peak
950
nm
Spektrale Bandbreite bei 50 % von
I
max
Spectral bandwidth at 50 % of
I
max
I
F = 100 m A
∆λ
55
nm
Abstrahlwinkel
Half angle
SFH 415
SFH 416
ϕ
ϕ
± 17
± 28
Grad
deg.
Aktive Chipfläche
Active chip area
A
0.09
mm2
Abmessungen der aktive Chipfläche
Dimension of the active chip area
L
× B
L
× W
0.3
× 0.3
mm
Abstand Chipoberfläche bis Linsenscheitel
Distance chip front to lens top
SFH 415
SFH 416
H
H
4.2 ... 4.8
3.4 ... 4.0
mm
mm
Schaltzeiten, I
e von 10 % auf 90 % und von
90 % auf 10 %, bei
I
F = 100 mA, RL = 50 Ω
Switching times, I
e from 10 % to 90 % and
from 90 % to 10 %,
I
F = 100 mA, RL = 50 Ω
t
r, tf
0.5
µs
Kapazität
Capacitance
V
R = 0 V, f = 1 MHz
C
o
25
pF
Durchlaßspannung
Forward voltage
I
F = 100 mA, tp = 20 ms
I
F = 1 A, tp = 100 µs
V
F
V
F
1.3
(≤ 1.5)
2.3
(≤ 2.8)
V
V
Sperrstrom
Reverse current
V
R = 5 V
I
R
0.01
(≤ 1)µA
Gesamtstrahlungsfluß
Total radiant flux
I
F = 100 mA, tp = 20 ms
Φ
e
22
mW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com