Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH416-R Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # SFH416-R
Description  GaAs-IR-Lumineszenzdioden GaAs Infrared Emitters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH416-R Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  SFH416-R Datasheet HTML 1Page - Siemens Semiconductor Group SFH416-R Datasheet HTML 2Page - Siemens Semiconductor Group SFH416-R Datasheet HTML 3Page - Siemens Semiconductor Group SFH416-R Datasheet HTML 4Page - Siemens Semiconductor Group SFH416-R Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Semiconductor Group
1
1997-11-01
Wesentliche Merkmale
q
GaAs-IR-Lumineszenzdioden, hergestellt
im Schmelzepitaxieverfahren
q
Gute Linearität (I
e = f [IF]) bei hohen Strömen
q
Sehr hoher Wirkungsgrad
q
Hohe Zuverlässigkeit
q
Hohe Impulsbelastbarkeit
q
SFH 415: Gehäusegleich mit SFH 300,
SFH 203
Anwendungen
q
IR-Fernsteuerung von Fernseh- und
Rundfunkgeräten, Videorecordern,
Lichtdimmern
q
Gerätefernsteuerungen
Features
q
GaAs infrared emitting diodes, fabricated in
a liquid phase epitaxy process
q
Good linearity (I
e = f [IF]) at high currents
q
High efficiency
q
High reliability
q
High pulse handling capability
q
SFH 415: Same package as SFH 300,
SFH 203
Applications
q
IR remote control of hi-fi and TV-sets, video
tape recorders, dimmers
q
Remote control of various equipment
GaAs-IR-Lumineszenzdioden
GaAs Infrared Emitters
SFH 415
SFH 416
Maße in mm, wenn nicht anders angegeben/Dimensions in mm, unless otherwise specified.
7.8
7.5
9.0
8.2
29
27
1.8
1.2
4.8
4.2
5.9
5.5
0.6
0.4
Area not flat
Chip position
Cathode
Approx. weight 0.2 g
GEO06645
5.9
5.5
0.6
0.4
5.7
5.5
6.9
6.1
4.0
3.4
29.5
27.5
1.8
1.2
Area not flat
0.6
0.4
Cathode (Diode)
Chip position
GEX06630
Approx. weight 0.4 g
Collector (Transistor)


Similar Part No. - SFH416-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFH4110 ETC-SFH4110 Datasheet
78Kb / 5P
GaAs Infrared Emitter (Mini Sidelooker)
logo
OSRAM GmbH
SFH4110 OSRAM-SFH4110 Datasheet
143Kb / 8P
GaAs-IR-Lumineszenzdiode (Mini Sidelooker)
SFH4111 OSRAM-SFH4111 Datasheet
239Kb / 7P
For control and drive circuits
SFH4113 OSRAM-SFH4113 Datasheet
238Kb / 7P
Lead (Pb) Free Product - RoHS Compliant
SFH4140 OSRAM-SFH4140 Datasheet
732Kb / 13P
High Power Infrared Emitter (940 nm)
More results

Similar Description - SFH416-R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LD260 SIEMENS-LD260 Datasheet
43Kb / 4P
GaAs-IR-Lumineszenzdioden-Zeilen GaAs Infrared Emitter Arrays
LD261 SIEMENS-LD261 Datasheet
36Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD274 SIEMENS-LD274 Datasheet
34Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH400 SIEMENS-SFH400 Datasheet
64Kb / 7P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH4510 SIEMENS-SFH4510 Datasheet
58Kb / 6P
GaAs-IR-Lumineszenzdioden 950 nm GaAs Infrared Emitters 950 nm
SFH480 SIEMENS-SFH480 Datasheet
66Kb / 7P
GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
SFH495P SIEMENS-SFH495P Datasheet
43Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
logo
OSRAM GmbH
SFH-4510 OSRAM-SFH-4510 Datasheet
271Kb / 8P
GaAs-IR-Lumineszenzdioden
SFH-4516 OSRAM-SFH-4516 Datasheet
183Kb / 11P
GaAs Infrared Emitters
SFH-415 OSRAM-SFH-415 Datasheet
111Kb / 7P
GaAs-IR-Lumineszenzdioden
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com