Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1720B Datasheet(PDF) 8 Page - ams AG

Part # AS1720B
Description  Solenoid / Valve Dr iver wi th Cur rent Limi tat ion
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1720B Datasheet(HTML) 8 Page - ams AG

Back Button AS1720B Datasheet HTML 4Page - ams AG AS1720B Datasheet HTML 5Page - ams AG AS1720B Datasheet HTML 6Page - ams AG AS1720B Datasheet HTML 7Page - ams AG AS1720B Datasheet HTML 8Page - ams AG AS1720B Datasheet HTML 9Page - ams AG AS1720B Datasheet HTML 10Page - ams AG AS1720B Datasheet HTML 11Page - ams AG AS1720B Datasheet HTML 12Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.austriamicrosystems.com/Solenoid-Relay-Driver/AS1720
Revision 1.04
8 - 12
AS1720
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
In order to drive relays, which need more than 100mA current, an external circuitry (see Figure 11) can be used. This application shows how to
drive 5W @12V relays.
This circuit is only applicable for AS1720A.
For this example with R1 = 100
Ω and RS = 2.5Ω the current Is is calculated as follows:
Figure 11. AS1720A - Typical Application
(EQ 3)
I
S
I
1
R
1
R
S
------
×
0 01A
,
100
2 5
,
---------
×
400mA
=
=
=
BC161
100
Ω
LM741
IS
Relay
VDDHV
Vsupply: +12V
IH
ENN
DUTY
IE
VSS
OUT
VDDA
100nF
AS1720A
I1
1V
R1
RS
10mA
RIE
120k
Ω
+
-
Free-
Wheeling
Diode
RIH
240k
Ω
Energising Current adjust
Hold Current adjust



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com