Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1720B Datasheet(PDF) 2 Page - ams AG

Part # AS1720B
Description  Solenoid / Valve Dr iver wi th Cur rent Limi tat ion
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1720B Datasheet(HTML) 2 Page - ams AG

  AS1720B Datasheet HTML 1Page - ams AG AS1720B Datasheet HTML 2Page - ams AG AS1720B Datasheet HTML 3Page - ams AG AS1720B Datasheet HTML 4Page - ams AG AS1720B Datasheet HTML 5Page - ams AG AS1720B Datasheet HTML 6Page - ams AG AS1720B Datasheet HTML 7Page - ams AG AS1720B Datasheet HTML 8Page - ams AG AS1720B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.austriamicrosystems.com/Solenoid-Relay-Driver/AS1720
Revision 1.04
2 - 12
AS1720
Datasheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 2. Pin Out (Top View)
Pin Description
Table 2. Pin Descriptions
Pin Name
Pin Number
Description
VDDHV
1
Positive supply voltage
VDDA
2
Internal supply of 3.3V (typ.)
DUTY
3
Duty-Cycle. By means of this pin the duty cycle can be adjusted between 20% and 90% during hold
phase. The duty cycle can be adjusted by a voltage source or an external resistor divider. Setting this
pin to VDDA the 50% duty cycle is selected automatically.
OUT
4
Current Source Output
VSS
5
Ground
IE
6
Energize Current. This pin defines the current during energize phase by means of a resistor.
IH
7
Hold Current. This pin defines the current during hold phase by means of a resistor.
ENN
8
Enable Not. This pin can be used to switch on/off the current source (e.g. via a P), when the
AS1720 is always powered on.
Low during start-up: When VDDHV is applied, the device starts with the energise phase, followed by
the hold phase.
When the device is constantly powered on, it can be controlled by this pin.
High: The output current source is switched off.
Low: The device starts with the energise phase, followed by the hold phase.
1
VDDHV
AS1720
2
VDDA
3
DUTY
4
OUT
8 ENN
7 IH
6 IE
5 VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com