Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1720B Datasheet(PDF) 5 Page - ams AG

Part # AS1720B
Description  Solenoid / Valve Dr iver wi th Cur rent Limi tat ion
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1720B Datasheet(HTML) 5 Page - ams AG

  AS1720B Datasheet HTML 1Page - ams AG AS1720B Datasheet HTML 2Page - ams AG AS1720B Datasheet HTML 3Page - ams AG AS1720B Datasheet HTML 4Page - ams AG AS1720B Datasheet HTML 5Page - ams AG AS1720B Datasheet HTML 6Page - ams AG AS1720B Datasheet HTML 7Page - ams AG AS1720B Datasheet HTML 8Page - ams AG AS1720B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.austriamicrosystems.com/Solenoid-Relay-Driver/AS1720
Revision 1.04
5 - 12
AS1720
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VSUPPLY = 5V, RIE = 30k
Ω, RIH = 120kΩ, TAMB = +25ºC (unless otherwise specified);
Figure 3. Duty Cycle vs. VDUTY
Figure 4. PWM Frequency vs. Temperature
20
30
40
50
60
70
80
90
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
Voltage @ pin DUTY (V)
25
26
27
28
29
30
31
32
33
34
35
-40
-20
0
20
40
60
80
100 120
Temperature (°C)
Figure 5. Supply Current vs. Supply Voltage
Figure 6. Supply Current vs. Temperature
360
370
380
390
400
410
420
430
440
5
10
15
20
25
30
35
40
45
50
VDDHV (V)
300
350
400
450
500
550
-40
-20
0
20
40
60
80
100 120
Temperature (°C)
Figure 7. Transfer Function vs. Supply Voltage
Figure 8. Transfer Function vs. Temperature
1050
1100
1150
1200
1250
1300
1350
1400
5
10
15
20
25
30
35
40
VDDHV (V)
1050
1100
1150
1200
1250
1300
1350
1400
-40
-20
0
20
40
60
80
100 120
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com