Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1720B Datasheet(PDF) 4 Page - ams AG

Part # AS1720B
Description  Solenoid / Valve Dr iver wi th Cur rent Limi tat ion
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1720B Datasheet(HTML) 4 Page - ams AG

  AS1720B Datasheet HTML 1Page - ams AG AS1720B Datasheet HTML 2Page - ams AG AS1720B Datasheet HTML 3Page - ams AG AS1720B Datasheet HTML 4Page - ams AG AS1720B Datasheet HTML 5Page - ams AG AS1720B Datasheet HTML 6Page - ams AG AS1720B Datasheet HTML 7Page - ams AG AS1720B Datasheet HTML 8Page - ams AG AS1720B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.austriamicrosystems.com/Solenoid-Relay-Driver/AS1720
Revision 1.04
4 - 12
AS1720
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VDDHV = 5V, VSS = 0V, Typical Values are at TAMB = +25ºC (unless otherwise specified). All limits are guaranteed. The parameters with min
and max values are guaranteed with production tests or SQC (Statistical Quality Control) methods.
Table 4. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TAMB
Operating Ambient Temperature
-40
+85
°C
TJ
Operating Junction Temperature
-40
+125
°C
valid for AS1720A & AS1720B
VDDHV
Supply Voltage Range
5
50
V
VDDA
Internal Supply
no load
3.1
3.3
3.5
V
IDD
Supply Current
1
2
mA
IOUT_E
Output Energizing Current Range
1
1. The parameters are tested with proprietary test modes.
defined by RIE
(see Figure 10 on page 7)
10
100
mA
VIH
Digital Input Threshold
@ pin ENN
2
VDDA
V
VIL
VSS
1.2
VHYST
Hysteresis
@ pin ENN
200
mV
RPU
Pull-Up Resistor
@ pin ENN
100
k
Ω
Delay Time
See Delay on page 6
136
ms
TSHDN
Thermal Shutdown Temperature
160
ºC
∆TSHDN
Thermal Shutdown Hysteresis
15
ºC
only valid for AS1720A
VOUT
Saturation Voltage, Sink
1
IOUT = 100mA
0.6
1
V
k
Transfer Value
RIE = 12k
Ω, VDDHV = 5V to 50V, OUT =
1V to 40V (see page 7)
1080
1200
1320
A
Ω
IOUT_H
Output Hold Current Range
1
defined by RIH
(see Figure 10 on page 7)
0.3 x
IOUT_E
0.7 x
IOUT_E
mA
only valid for AS1720B
Minimum Duty Cycle
15
20
25
%
Maximum Duty Cycle
83
90
95
%
Internal Duty Cycle
50
%
Vtrig
Trigger level to select internal
voltage divider
@ pin DUTY
VDDA
V
fPWM
PWM Frequency
25.5
30
34.5
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com