Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1720B Datasheet(PDF) 6 Page - ams AG

Part # AS1720B
Description  Solenoid / Valve Dr iver wi th Cur rent Limi tat ion
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1720B Datasheet(HTML) 6 Page - ams AG

Back Button AS1720B Datasheet HTML 2Page - ams AG AS1720B Datasheet HTML 3Page - ams AG AS1720B Datasheet HTML 4Page - ams AG AS1720B Datasheet HTML 5Page - ams AG AS1720B Datasheet HTML 6Page - ams AG AS1720B Datasheet HTML 7Page - ams AG AS1720B Datasheet HTML 8Page - ams AG AS1720B Datasheet HTML 9Page - ams AG AS1720B Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.austriamicrosystems.com/Solenoid-Relay-Driver/AS1720
Revision 1.04
6 - 12
AS1720
Datasheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
Delay
The delay time is generated internally by a digital divider.
LDO and Reference Generator
This block provides the internal supply voltage of typ. 3.3V and all bias currents for the analog cells. Further the external resistor divider for
setting the duty cycle will be supplied.
Thermal shutdown
The temperature is constantly monitored. If the temperature exceeds typ. 160ºC the output is disabled. In order to exit the over temperature
condition, the device has to cool down and the reason of over temperature (e.g. short circuit) must be removed. After exiting the overtemperature
condition the system restarts beginning with the energizing phase followed by the hold phase.
DC Operation (AS1720A only)
After power up, the delay time (see Delay) starts running. After expiration of the delay the hold phase starts automatically. During the hold phase
the DC output current is reduced according to the RIH on pin IH.
PWM Operation (AS1720B only)
After power up, the delay time (see Delay) starts running. After expiration of the delay the hold phase starts automatically. The internal RC
oscillator sets the PWM period. The duty cycle is either defined by the external resistor divider (voltage) at pin DUTY or by the fixed internal
divider. When using the external divider the duty cycle can be adjusted between 20% and 90% (e.g. from a DAC). Alternatively the pin can be
driven by a voltage source. For using the internal divider the pin DUTY has to be connected to VDDA. The comparator recognizes this condition
and switches to the internal divider, which causes a fixed 50% duty cycle.
Figure 9. Simplified Circuit of Block PWM and Control
(EQ 1)
DUTYCYCLE V
DUTY
(
)
0 381
,
V
DUTY
×
0 014
,
–
=
DUTY
adjustable
Duty cycle
fixed
50% Duty cycle
optional
PWM &
Control
DUTY
30kHz
Oscillator
VDDA
R1
R2
Vref
RPU
ENN
On
Off
Internal VDDA typ. 3.3V
Delay
VDDA
VDDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com