Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650A Datasheet(PDF) 7 Page - ams AG

Part # AS8650A
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650A Datasheet(HTML) 7 Page - ams AG

Back Button AS8650A Datasheet HTML 3Page - ams AG AS8650A Datasheet HTML 4Page - ams AG AS8650A Datasheet HTML 5Page - ams AG AS8650A Datasheet HTML 6Page - ams AG AS8650A Datasheet HTML 7Page - ams AG AS8650A Datasheet HTML 8Page - ams AG AS8650A Datasheet HTML 9Page - ams AG AS8650A Datasheet HTML 10Page - ams AG AS8650A Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 2.0
7 - 46
AS8650A
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Operating Conditions
VSUP
Positive supply voltage
Normal operating condition
6
18
V
GND
Ground
In reference to all the voltages
0
V
TAMB
Ambient temperature
Junction temperature (TJ) ≤ 150ºC
(at full-load)
-40
105
ºC
Isupp
Supply current, normal mode
VSUP = 6V, LDOs at full load,
DCDC load = 390mA,
CAN dominant
425
mA
VSUP = 18V, LDOs at full load,
DCDC load = 390mA,
CAN dominant, not production tested.
150
VSUP = 16V, LDOs at full load,
CAN dominant
170
CS
Vt-
Negative-Going Threshold
VLDO1 = 3.3V
1.12
1.52
V
Vt+
Positive-Going Threshold
1.77
2.23
V
Ilil_cs
Pull up current
In CS pad, Pulled up to VLDO1
-60
-15
µA
SDO
VOH
High level output voltage
2.5
V
VOL
Low level output voltage
VSUP ≥ 6V
0.4
V
IO
Output drive current
4
mA
SDA / SDI
VIH
High level input voltage
0.7*
VLDO1
V
VIL
Low level input voltage
0.3*
VLDO1
V
VOL
Low level output voltage
0.4
V
SCLK
VIH
High level input voltage
Open-drain, external 500
 pull-up
0.7*
VLDO1
V
VIL
Low level input voltage
0.3*
VLDO1
V
RESET, INTN
VOH
High level output voltage
2.5
V
VOL
Low level output voltage
VSUP ≥ 6V
0.4
V
IO
Output drive current
4
mA
TxD
VIH
High level input voltage
2.0
V
VIL
Low level input voltage
0.8
V
IO
Output drive current
VSUP ≥ 6V
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com