Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650A Datasheet(PDF) 29 Page - ams AG

Part # AS8650A
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650A Datasheet(HTML) 29 Page - ams AG

Back Button AS8650A Datasheet HTML 25Page - ams AG AS8650A Datasheet HTML 26Page - ams AG AS8650A Datasheet HTML 27Page - ams AG AS8650A Datasheet HTML 28Page - ams AG AS8650A Datasheet HTML 29Page - ams AG AS8650A Datasheet HTML 30Page - ams AG AS8650A Datasheet HTML 31Page - ams AG AS8650A Datasheet HTML 32Page - ams AG AS8650A Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 2.0
29 - 46
AS8650A
Datasheet - Detailed Descr i p ti on
7.14.3 Time-out Watchdog Behavior
Whenever the AS8650A operates in Standby mode, active watchdog operates in Time-out watchdog mode. The watchdog has to be triggered
within the actual programmed period time Twd_tout_period. The device provides 8 different possible periods for programming through digital
interface. If the microcontroller fails to trigger the watchdog within trigger range then the system reset is generated on RESET pin and watchdog
enters into Start-up watchdog mode. The time-out watchdog function is illustrated in Figure 13.
Figure 13. Time-out Watchdog Triggering
7.15 Interrupt Generation
The pin INTN is an interrupt output. The INTN is forced LOW if one bit in the Interrupt register is set. The Interrupt register bits are cleared when
the microcontroller clears the corresponding interrupt source register. The Interrupt register will also be cleared during a system reset (RESET
LOW). As there are microcontrollers with level sensitive or edge sensitive interrupt port, pin INTN will be HIGH for at least TINTN after any of the
interrupt source register is cleared. The Interrupt source register is cleared through write operation by overwriting 1 in to respective set bits
position. Without further interrupts within TINTN pin INTN stays HIGH, otherwise it will revert to LOW again.
The Interrupt register indicates the cause of an interrupt event. There are two levels of interrupt registers. First level register indicates the source
region of interrupt and the second level register indicates the exact source of interrupt. With this structured interrupt, the microcontroller can trace
source of interrupt by two read operations instead of polling for source of interrupt and also interrupts can be prioritized by microcontroller. The
interrupt register structure is given in Figure 14. The register is cleared through digital interface write operation and upon any reset event. The
hardware ensures no interrupt event is lost in case there is a new interrupt forced while reading the register.
TRIGGER WINDOW
NON-TRIGGER WINDOW
Twd_no_trig
Twd_trig
Twwd_period
Trigger
restarts
period
50%
100%
Last
Trigger
Point
Earliest
Trigger
Point
Latest
Trigger
Point
TRIGGER WINDOW
NON-TRIGGER WINDOW
50%
100%
Earliest
Trigger
Point
Latest
Trigger
Point
Trigger restarts period
( with new period if desired)
New Period
SPI
TRIGGER
SPI
TRIGGER
Unwanted Trigger
(RESET generated,
watchdog enter
Start-up mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com