Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650A Datasheet(PDF) 31 Page - ams AG

Part # AS8650A
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650A Datasheet(HTML) 31 Page - ams AG

Back Button AS8650A Datasheet HTML 27Page - ams AG AS8650A Datasheet HTML 28Page - ams AG AS8650A Datasheet HTML 29Page - ams AG AS8650A Datasheet HTML 30Page - ams AG AS8650A Datasheet HTML 31Page - ams AG AS8650A Datasheet HTML 32Page - ams AG AS8650A Datasheet HTML 33Page - ams AG AS8650A Datasheet HTML 34Page - ams AG AS8650A Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 2.0
31 - 46
AS8650A
Datasheet - Application In form atio n
8 Application Information
Device Interfaces. There are two ways to communicate with AS8650A, one is 4 wires SPI and other is I²C. The selection between these two
interfaces is through I2C_EN pin, as shown in Table 19. The pins CS, SCLK, SDI, and SDO are used for SPI interface. For I²C interface, SCLK is
used as I²C Clock and SDA is used as I²C data line. Pins SCLKI2C / SCLKSPI and SDAI2C / SDISPI are multiplexed for both SPI and I²C interface.
Since I2C_EN is a digital input pin, it has to be connected either to VLDO1 or GND.
Note:
I2C_EN should not be changed during a I²C/SPI Read/Write operation. Maximum switching delay between I²C and SPI is 8µs.
8.1 Serial Peripheral Interface
The Serial Peripheral Interface (SPI) provides the communication link with the microcontroller. The SPI is configured for half-duplex data transfer.
The SPI provides access to configuration registers, control registers, and diagnostic registers. The modes of the AS8650A are changed by
writing required code in to mode control register through SPI. The SPI is also used to enter into test and OTP modes. This interface is only slave
interface and only master can initiate SPI operation.
The SPI can work on both the clock polarities. The polarity of the clock depends on the value of SCLK at the falling edge of CS. At the falling
edge of CS if SCLK is “1” then the SPI is positive edge triggered and if the SCLK is “0” then SPI is negative edge triggered logic (see Table 20).
The SPI protocol frame is divided in to two fields, the header field and the data field. The header field is 1 byte long containing a read/write
command bit, 5 address bits and 2 reserved bits. The data field is of one data byte. The SPI frame format is shown in Figure 15. In the data
phase MSB is sent first and LSB is sent last.
Figure 15. SPI Frame Format
Table 19. Device Interface Selection
I2C_EN
Description
LOW
Interface is 4-wire SPI
HIGH
Interface is I²C
Table 20. SPI Clock Polarity
CS
SCLK
Description
LOW
HIGH
Serial data is transferred at falling edge and sampled at rising edge of SCLK
LOW
LOW
Serial data is transferred at rising edge and sampled at falling edge of SCLK
R/W
A0
A1
A2
A3
A4
Header Field
Data Field
1 byte
Reserved
Bits
5 bits
Address
0 – WRITE
1 –
READ
0
0
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com