Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650A Datasheet(PDF) 6 Page - ams AG

Part # AS8650A
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650A Datasheet(HTML) 6 Page - ams AG

Back Button AS8650A Datasheet HTML 2Page - ams AG AS8650A Datasheet HTML 3Page - ams AG AS8650A Datasheet HTML 4Page - ams AG AS8650A Datasheet HTML 5Page - ams AG AS8650A Datasheet HTML 6Page - ams AG AS8650A Datasheet HTML 7Page - ams AG AS8650A Datasheet HTML 8Page - ams AG AS8650A Datasheet HTML 9Page - ams AG AS8650A Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 2.0
6 - 46
AS8650A
Datasheet - Absolute Maximum Rat i ngs
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only. Functional operation of the
device at these or any other conditions beyond those indicated in Electrical Characteristics on page 7 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
1
1. All voltages mentioned above are referred with respect to ground reference voltage VGND.
Parameter
Min
Max
Units
Notes
Electrical Parameters
Voltage at positive supply pin (VVSUP)
-0.3
40
V
Voltage at pin V5V_LDO1, V5V_LDO2,
V5V_LDO3, VLDO1, VLDO2, VLDO3, FB,
VLDO1FB, VLDO2FB, VLDO3FB
-0.3
7
V
Voltage at pin CANH, CANL, SPLIT
-40
+40
V
Voltage at pin LX, WAKE
-0.3
VVSUP + 0.3
V
Voltage at pin RESET, INTN, RxD, TxD, CS,
SCLK, SDO, SDA/SDI, I2C_EN
-0.3
4.5
V
Input Supply slew-rate (Vsup_slew)
1
V/µs
Input power supply ramp rate
Electrostatic Discharge
Electrostatic discharge voltage
AEC-Q100-002 human body model standard
(ESD)
±2
kV
All pins except VSUP, GND, CANH, CANL,
WAKE, SPLIT
±4
VSUP, GND, WAKE, SPLIT
±8
CANH, CANL
Latch-Up Immunity
-100
+100
mA
AEC-Q100-004
Continuous Power Dissipation
Maximum power dissipation (Ptot)
1.2
W
Temperature Ranges and Storage Conditions
Junction temperature (TJ)170
ºC
Storage temperature (Tstg)
-55
+150
ºC
Thermal resistance MLF package (Rthj_36)
30
ºC/W
SEMI G42-88
Package body temperature (TBODY)260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with IPC/
JEDEC J-STD-020 “Moisture/Reflow Sensitivity
Classification for Non-Hermetic Solid State
Surface Mount Devices”.
The lead finish for Pb-free leaded packages is
matte tin (100% Sn).
Moisture Sensitivity Level
3
Represents a maximum floor life time of 168h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com