Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650A Datasheet(PDF) 20 Page - ams AG

Part # AS8650A
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650A Datasheet(HTML) 20 Page - ams AG

Back Button AS8650A Datasheet HTML 16Page - ams AG AS8650A Datasheet HTML 17Page - ams AG AS8650A Datasheet HTML 18Page - ams AG AS8650A Datasheet HTML 19Page - ams AG AS8650A Datasheet HTML 20Page - ams AG AS8650A Datasheet HTML 21Page - ams AG AS8650A Datasheet HTML 22Page - ams AG AS8650A Datasheet HTML 23Page - ams AG AS8650A Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 2.0
20 - 46
AS8650A
Datasheet - Detailed Descr i p ti on
7.3 State Diagram
Figure 5. State Machine Model
7.4 Initialization Sequence
The DCDC converter is switched ‘ON’. Subsequently, on receiving power-good (PG) signal from the DCDC converter, the LDO1 regulator is
switched ‘ON’. During the initialization sequence, the VLDO1 is set to 2.5V if VLDO1 > VLDO1_POKTH threshold. VLDO1_RESET is released to
‘high’. Then, active-low PORN_2_OTP is generated.
Initially the rising edge of PORN_2_OTP loads contents into the OTP latch. Next the LOAD_OTP_IN_PREREG signal loads the content of OTP
latch into the pre-regulator domain register. Once the VLDO1_POKTH threshold is reached, the reset timeout timer also starts.
The RESET signal expires after Reset timeout period TRes. After the RESET signal is ‘high’, the startup watchdog is launched. If the
microcontroller generates a trigger within the startup window, then the device enters into Standby mode.
If the microcontroller fails to generate the trigger, then the RESET signal is generated and the Reset timeout will start.
If the microcontroller fails to generate the startup watchdog trigger for 3 consecutive times, then the device enters into Sleep mode. On receiving
Normal mode command from the microcontroller, the LDO2 and LDO3 regulators are activated. By the time VLDO2 and VLDO3 reach their
respective power-ok (POK) threshold values, an interrupt signal is generated. The AS8650A supports very slow VSUP ramp up of 0.5V/min.
Power Off
Normal
Receive Only
Standby
Sleep
Host command (go to ReceiveOnly)
Host command (go to Normal)
Hos
t co
mm
and
(go
to N
orm
al)
Hos
t co
mm
and
(go
to S
tand
by)
TEMP< Tjrecv AND BUS Wake
OR
Local Wake
Host command (go to Sleep)
Hos
t co
mm
and
(go
to S
leep
)
TEMP > Tjshut
BUS wake
disabled
TEMP>Tjwarn
BUS transmitter
disabled BUS transmitter will be
enabled on TEMP < Tjrecv
From any state
Power-up
VS
UP
_P
OR
_R
ES
ET
==
0
VLDO
1 PO
R tim
eout
OR
startup
watch
dog tim
eout
Normal OR
Receive_only OR
Standby state
VSUP_UV_flag = 1 OR V5V_UV_flag =1
BUS transceiver disabled
VSUP_UV_flag =1 OR
V5V_UV_flag= 1
BUS
transceiver disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com