Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3750 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3750
Description  2-Cell Supercapacitor Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3750 Datasheet(HTML) 1 Page - Linear Technology

  LT3750 Datasheet HTML 1Page - Linear Technology LT3750 Datasheet HTML 2Page - Linear Technology LT3750 Datasheet HTML 3Page - Linear Technology LT3750 Datasheet HTML 4Page - Linear Technology LT3750 Datasheet HTML 5Page - Linear Technology LT3750 Datasheet HTML 6Page - Linear Technology LT3750 Datasheet HTML 7Page - Linear Technology LT3750 Datasheet HTML 8Page - Linear Technology LT3750 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3226
1
3226fa
TYPICAL APPLICATION
FEATURES
DESCRIPTION
2-Cell Supercapacitor
Charger with Backup
PowerPath Controller
The LTC®3226 is a 2-cell series supercapacitor charger with
a backup PowerPath controller. It includes a charge pump
supercapacitor charger with programmable output voltage,
a low dropout regulator, and a power-fail comparator for
switching between normal and backup modes.
The constant input current supercapacitor charger is
designed to charge two supercapacitors in series to a
resistor-programmable output voltage of 2.5V to 5.3V.
The charger input current limit is programmable by an
external resistor at up to 315mA.
The internal backup LDO is powered from the superca-
pacitors and provides up to 2A peak output current with
an adjustable output voltage. When the input supply falls
below the power-fail threshold, the LTC3226 automatically
enters a backup state in which the supercapacitors power
the output through the LDO. The input supply power-fail
voltage level is programmed by an external resistor divider.
Low input noise, low quiescent current and a compact
footprint make the LTC3226 ideally suited for small, battery-
powered applications. Internal current limit and thermal
shutdown circuitry allow the device to survive a continu-
ous short-circuit from the PROG or CPO pins to ground.
Automatic Normal-to-Backup
Mode Switchover
3.3V Backup Supply
APPLICATIONS
n 1x/2x Multimode Charge Pump Supercapacitor
Charger
n Automatic Cell Balancing
n Ideal Diode Main PowerPath™ Controller
(VIN to VOUT)
n Internal 2A LDO Backup Supply (CPO to VOUT)
n Automatic Main/Backup Switchover
n Input Voltage Range: 2.5V to 5.5V
n Programmable SCAP Charge Voltage
n Programmable Input Current Limit (315mA Max)
n No Load IVIN = 55μA (Typical)
n Low Profile, 16-Lead 3mm
× 3mm QFN Package
n Smart Power Meters
n Battery-Powered Industrial/Medical Equipment
n 3.3V Solid-State Drives
n Industrial Alarms
n Data Backup Supplies
n Battery Hold-Up Supplies
L, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks
and PowerPath is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
1.2V
GATE
MPEXT
VIN
VIN
PFI
C+
2.2μF
1.96M
C–
PROG
EN_CHG
PFO
RST
CAPGOOD
GND
CHARGE
PUMP
LTC3226
LDO
CPO
5V
VMID
2.2μF
VIN
3.3V
1.21M
COUT
47μF
TO LOAD
(2A)
33.2k
3.83M
CSC
1.2F
255k
80.6k
1.21M
3226 TA01a
CPO_FB
LDO_FB
VOUT
RST_FB
+
–
TIME (SECONDS)
0
3
4
5
1.6
3226 TA01b
2
1
–1
0.4
0.8
1.2
CPO
2.0
0
6
VOUT
VIN
CSC = 1.2F
COUT = 47μF
ILOAD = 2A
PFO (2V/DIV)
BACKUP
MODE
(LDO IN
REGULATION)
BACKUP MODE
(LDO IN
DROPOUT)


Similar Part No. - LT3750

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3750 LINER-LT3750 Datasheet
223Kb / 16P
Capacitor Charger Controller
LT3750 LINER-LT3750 Datasheet
228Kb / 16P
Capacitor Charger Controller
logo
Analog Devices
LT3750 AD-LT3750 Datasheet
898Kb / 18P
20V 1A Buck DC/DC with Integrated SCAP Charger and Backup Regulator
LT3750A AD-LT3750A Datasheet
1Mb / 16P
Capacitor Charger Controller
LT3750AEMS#PBF AD-LT3750AEMS#PBF Datasheet
1Mb / 16P
Capacitor Charger Controller
More results

Similar Description - LT3750

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3225 LINER-LTC3225 Datasheet
199Kb / 12P
150mA Supercapacitor Charger
logo
Linear Integrated Syste...
LTC3226 LINEAR-LTC3226 Datasheet
441Kb / 16P
2-Cell Supercapacitor Charger with Backup PowerPath Controller
logo
ACE Technology Co., LTD...
ACE4702 ACE-ACE4702 Datasheet
353Kb / 15P
2 Cell Li-ion Battery Charger IC
VER 1.1
logo
Linear Technology
LTC3225 LINER-LTC3225_15 Datasheet
274Kb / 14P
150mA Supercapacitor Charger
LTC3225-1 LINER-LTC3225-1_15 Datasheet
274Kb / 14P
150mA Supercapacitor Charger
LTC3226 LINER-LTC3226_15 Datasheet
237Kb / 16P
2-Cell Supercapacitor Charger with Backup PowerPath Controller
LTC3625 LINER-LTC3625_15 Datasheet
272Kb / 16P
1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
LTC3625-1 LINER-LTC3625-1_15 Datasheet
272Kb / 16P
1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
LTC3128 LINER-LTC3128 Datasheet
230Kb / 6P
High Efficiency 2-Cell Supercapacitor Charger and Balancer Converter
logo
Texas Instruments
BQ25173 TI-BQ25173 Datasheet
2Mb / 31P
BQ25173: 800-mA Linear Charger for 1- to 4-Cell Supercapacitor
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com