Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3750 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3750
Description  2-Cell Supercapacitor Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3750 Datasheet(HTML) 3 Page - Linear Technology

  LT3750 Datasheet HTML 1Page - Linear Technology LT3750 Datasheet HTML 2Page - Linear Technology LT3750 Datasheet HTML 3Page - Linear Technology LT3750 Datasheet HTML 4Page - Linear Technology LT3750 Datasheet HTML 5Page - Linear Technology LT3750 Datasheet HTML 6Page - Linear Technology LT3750 Datasheet HTML 7Page - Linear Technology LT3750 Datasheet HTML 8Page - Linear Technology LT3750 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3226
3
3226fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 3). VIN = 3.3V, VCPO = 5V, VOUT = 3.3V, VMID = 1/2 VCPO
unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Supply Range
l
2.5
5.5
V
IVIN(ST)
VIN Quiescent Current in Normal Mode
VPFI > 1.2V, VCPO_FB > 1.2V, VIN < VCPO
10
μA
ICPO(ST)
CPO Quiescent Current in Normal Mode
VPFI > 1.2V, VCPO_FB > 1.2V, VIN < VCPO
20
μA
IVOUT(ST)
VOUT Quiescent Current in Normal Mode
VOUT = VIN, VPFI > 1.2V, VCPO_FB > 1.2V,
VIN < VCPO
5μA
ICPO(BU)
CPO Quiescent Current in Backup Mode
VPFI < 1.2V, VLDO_FB > 0.8V, VCPO > VOUT
24
μA
IVOUT(BU)
VOUT Quiescent Current in Backup Mode
VIN = 0V, VPFI < 1.2V, VLDO_FB > 0.8V,
VCPO > VOUT
3μA
Ideal Diode Controller
VFWD(EDA)
External Ideal Diode Forward Voltage (VIN-VOUT)IVOUT = 2mA
15
mV
VRTO
Fast Turn-Off Voltage (VIN-VOUT)VIN Falling
–45
mV
Fast Turn-On Voltage (VIN-VOUT)VOUT Falling
45
mV
Charge Pump Supercapacitor Charger
VCPO_FB
CPO_FB Pin Threshold for Entering Sleep Mode
l
1.18
1.21
1.24
V
CPO_FB Pin Hysteresis for Exiting Sleep Mode
20
mV
ICPO_FB
Charge Pump FB Pin Input Leakage
VCPO_FB = 1.3V
l
–50
50
nA
fOSC
CLK Frequency
0.75
0.9
1.05
MHz
ROL
Effective Open-Loop Output Impedance (Note 4) VCPO = 4.5V, CFLY = 1μF
6
Ω
VPROG
PROG Pin Servo Voltage
VCPO_FB < 1.2V
l
0.98
1.0
1.02
V
IVIN(ILIM)
Input Current Limit
RPROG = 33.3k, VCPO = 0V
360
mA
hPROG
Ratio of VIN Input Current Limit to PROG Pin
Current
RPROG = 33.3k, VCPO = 0V
10,500
A/A
ICHRG(1x)
CPO Pin Charging Current (1x Mode)
VIN = 3.8V, RPROG = 33.3k, VCPO = 3V
315
mA
ICHRG(2x)
CPO Pin Charging Current (2x Mode)
RPROG = 33.3k
157.5
mA
ISC
Short-Circuit Charge Current
PROG Pin Grounded, VCPO = 0V
600
mA
VMODE
VIN to CPO Voltage Differential for Switching
Mode from 1x to 2x
200
mV
1x/2x Mode Comparator Hysteresis
120
mV
VCLAMP
Maximum Voltage Across Either Supercapacitor
After Charging
l
2.65
2.75
V
VSTACK
Maximum Supercapacitor Stack Voltage
l
5.3
5.5
V
VMID
VMID Output Voltage
2.5
V
VMID Current Sourcing Capability
VMID < VCPO/2, VCPO_FB > 1.24V
4.5
mA
VMID Current Sinking Capability
VMID > VCPO/2, VCPO_FB > 1.24V
5.5
mA
CPO_FB Pin Threshold Voltage (Rising) for
CAPGOOD
l
1.09
1.11
1.13
V
CPO_FB Pin Hysteresis for CAPGOOD
20
mV
CAPGOOD Output Low Voltage
ISINK = 5mA
65
mV
CAPGOOD High Impedance Leakage Current
VCAPGOOD = 5V
l
1μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com