Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3750 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3750
Description  2-Cell Supercapacitor Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3750 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3750 Datasheet HTML 8Page - Linear Technology LT3750 Datasheet HTML 9Page - Linear Technology LT3750 Datasheet HTML 10Page - Linear Technology LT3750 Datasheet HTML 11Page - Linear Technology LT3750 Datasheet HTML 12Page - Linear Technology LT3750 Datasheet HTML 13Page - Linear Technology LT3750 Datasheet HTML 14Page - Linear Technology LT3750 Datasheet HTML 15Page - Linear Technology LT3750 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3226
13
3226fa
APPLICATIONS INFORMATION
So even if the charge pump input current limit is pro-
grammed for 315mA (RPROG = 33.2k), the actual charge
current will be considerably less than 157.5mA (half of
programmed limit) in 2x mode for very low input supply.
For VIN = 2.5V, the CPO voltage above which the charge
current will decrease from the programmed value of
157.5mA (RPROG = 33.2k) can be calculated from the
previous equation as follows:
VCPO = (2 • 2.5V – 157.5mA • 6Ω) = 4.055V
Choosing the LDO Output Capacitor
In the event VIN falls below the programmed PFI threshold,
the PFI comparator turns off the charge pump and turns
on the internal LDO to supply the load from the backed-
up supercapacitor storage. However, due to the delay
associated with the PFI comparator and LDO circuitry, it
could be up to 2μs before the LDO is capable of supplying
the load demand at VOUT. In order to prevent VOUT from
drooping too much during this transition, a 47μF ceramic
capacitor is recommended at the VOUT terminal. For any
output capacitance, COUT, delay, Δt, and load current,
ILOAD, the drop in VOUT, ∆V, can be calculated using the
following equation:
I
LOAD = COUT •
ΔV
Δt
For example, if VOUT can not tolerate more than 100mV
drop under a maximum load of 2A during this transition,
the minimum capacitance required at the LDO output can
be calculated using the above equation as follows:
C
OUT(MIN) = 2A •
2µs
100mV
= 40µF
Charging a Single Supercapacitor
The LTC3226 can also be used to charge a single super-
capacitor by connecting two series-connected matched
ceramic capacitors with a minimum capacitance of 100μF
in parallel with the supercapacitor as shown in Figure 3.
Supercapacitor Manufacturers
Refer to the following table for supercapacitor manu-
facturers.
Table 1. Supercapacitor Manufacturers
CAP-XX
www.cap-xx.com
NESS CAP
www.nesscap.com
Maxwell
www.maxwell.com
Bussmann
www.cooperbussmann.com
AVX
www.avx.com
Illinois Capacitor
www.illinoiscapacitor.com
Tecate Group
www.tecategroup.com
Board Layout Considerations
Due to high switching frequency and high transient cur-
rents produced by the LTC3226 charge pump, careful
board layout is necessary for optimum performance. A true
ground plane and short connections to all of the external
capacitors will improve performance.
Also, to be able to deliver maximum load current from
the LDO under all conditions, it is critical that the exposed
metal pad on the backside of the QFN package has a good
thermal contact to the PC board ground plane. Lack of
proper thermal contact can cause the junction temperature
to exceed the threshold for thermal shutdown.
Figure 3. Charging a Single Supercapacitor
C1
C2
CSUP
3226 F03
CPO
LTC3226
VMID
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com