Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3750 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3750
Description  2-Cell Supercapacitor Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3750 Datasheet(HTML) 5 Page - Linear Technology

  LT3750 Datasheet HTML 1Page - Linear Technology LT3750 Datasheet HTML 2Page - Linear Technology LT3750 Datasheet HTML 3Page - Linear Technology LT3750 Datasheet HTML 4Page - Linear Technology LT3750 Datasheet HTML 5Page - Linear Technology LT3750 Datasheet HTML 6Page - Linear Technology LT3750 Datasheet HTML 7Page - Linear Technology LT3750 Datasheet HTML 8Page - Linear Technology LT3750 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3226
5
3226fa
TYPICAL PERFORMANCE CHARACTERISTICS
LDO Output Transient Step
Response Waveform
Charge Pump Oscillator Frequency
vs VCPO and Temperature
Charge Pump Input Current
vs CPO Output Voltage
Charge Pump Charging Current
vs CPO Output Voltage
Charge Pump Input Current
vs VIN with CPO Grounded
LDO Load Regulation
LDO Supply Regulation
LDO Regulation Voltage
vs Temperature
LDO FET On-Resistance
vs CPO Voltage and Temperature
CPO VOLTAGE (V)
3.6
860
880
900
940
4.0
4.4
4.6
3226 G06
840
960
980
920
3.8
4.2
4.8
5.0
VIN = 3.3V
T = –45°C
T = 90°C
T = 25°C
CPO VOLTAGE (V)
0
150
200
250
3
5
3226 G07
100
50
0
12
4
300
350
400
RPROG = 33.3k
RPROG = 100k
RPROG = 50k
1x MODE
VIN = 3.8V
2x MODE
CPO VOLTAGE (V)
0
150
200
250
3
5
3226 G08
100
50
0
12
4
300
350
400
RPROG = 33.3k
RPROG = 100k
RPROG = 50k
1x MODE
VIN = 3.8V
2x MODE
VIN (V)
3.3
340
360
3.6
3.9
4.2
4.5
3226 G09
4.8
380
400
330
350
370
390
5.1
90°C
25°C
–45°C
RPROG = 33.2k
VCPO = 0V
IOUT (A)
3.280
3.290
3.300
3.275
3.285
3.295
0.001
0.1
1
10
3226 G01
3.270
0.01
CPO = 4V
VOUT SET TO 3.3V
CPO VOLTAGE (V)
3.4
3.280
3.285
3.295
3.300
3.305
3.6
4.4
4.8
3226 G02
3.290
3.310
4.2
5.2
3.8 4.0
4.6
5.0
IOUT = 10μA
VOUT SET TO 3.3V
TEMPERATURE (°C)
–45
3.305
3.315
115
3226 G03
3.295
3.285
–5
35
75
–25
15
55
95
3.325
3.300
3.310
3.290
3.320
VCPO = 5V
IOUT = 1mA
CPO VOLTAGE (V)
2.2
350
300
250
200
150
100
50
0
3.7
4.7
3226 G04
2.7
3.2
4.2
5.2
T = 90°C
T = –40°C
T = 25°C
LOAD = 500mA
VOUT
50mV/DIV
AC-COUPLED
1000mA
IOUT
500μs/DIV
3226 G05
500mA
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com